Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C503S Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9C503S
Description  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C503S Datasheet(HTML) 5 Page - Intersil Corporation

  X9C503S Datasheet HTML 1Page - Intersil Corporation X9C503S Datasheet HTML 2Page - Intersil Corporation X9C503S Datasheet HTML 3Page - Intersil Corporation X9C503S Datasheet HTML 4Page - Intersil Corporation X9C503S Datasheet HTML 5Page - Intersil Corporation X9C503S Datasheet HTML 6Page - Intersil Corporation X9C503S Datasheet HTML 7Page - Intersil Corporation X9C503S Datasheet HTML 8Page - Intersil Corporation X9C503S Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN8222.3
July 20, 2009
Power-up and Down Requirements
At all times, voltages on the potentiometer pins must be less
than ±VCC. The recall of the wiper position from non-volatile
memory is not in effect until the VCC supply reaches its final
value. The VCC ramp rate specification is always in effect.
AC OPERATION CHARACTERISTICS
tCl
CS to INC Setup
100
ns
tlD
INC HIGH to U/D Change
100
ns
tDI
U/D to INC Setup
2.9
µs
tlL
INC LOW Period
1
µs
tlH
INC HIGH Period
1
µs
tlC
INC Inactive to CS Inactive
1
µs
tCPH
CS Deselect Time (STORE)
20
ms
tCPH
CS Deselect Time (NO STORE)
100
ns
tIW (5)
INC to VW/RW Change
100
µs
tCYC
INC Cycle Time
2
µs
tCYC
INC Input Rise and Fall Time
500
µs
tR, tF
Power-up to Wiper Stable (Note 7)
500
µs
tPU
VCC Power-up Rate (Note 7)
0.2
50
V/ms
NOTES:
3. Absolute linearity is utilized to determine actual wiper voltage vs expected voltage = [VW(n)(actual) - VW(n)(expected )] = ±1 MI Maximum.
4. Relative linearity is a measure of the error in step size between taps = VW(n + 1) - [VW(n) + MI] = +0.2 MI.
5. 1 MI = Minimum Increment = RTOT/99.
6. Typical values are for TA = +25°C and nominal supply voltage.
7. This parameter is not 100% tested.
Electrical Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 6)
MAX
Test Circuit #1
TEST POINT
Vw/RW
VR/RH
VL/RL
VS
Test Circuit #2
FORCE
VL/RL
VW/Rw
VH/RH
TEST POINT
CURRENT
Circuit #3 SPICE Macro Model
CW
RTOTAL
RL
RH
CL
RW
10pF
CL
10pF
25pF
Endurance and Data Retention
PARAMETER
MIN
UNIT
Medium Endurance
100,000
Data changes per bit
per register
Data Retention
100
years
AC Conditions of Test
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input Reference Levels
1.5V
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C503S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C503S XICOR-X9C503S Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C503S INTERSIL-X9C503S Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C503S INTERSIL-X9C503S Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C503S INTERSIL-X9C503S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C503S INTERSIL-X9C503S Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C503S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103S INTERSIL-X9C103S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
logo
Maxim Integrated Produc...
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com