Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C503SZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9C503SZ
Description  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C503SZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9C503SZ Datasheet HTML 2Page - Intersil Corporation X9C503SZ Datasheet HTML 3Page - Intersil Corporation X9C503SZ Datasheet HTML 4Page - Intersil Corporation X9C503SZ Datasheet HTML 5Page - Intersil Corporation X9C503SZ Datasheet HTML 6Page - Intersil Corporation X9C503SZ Datasheet HTML 7Page - Intersil Corporation X9C503SZ Datasheet HTML 8Page - Intersil Corporation X9C503SZ Datasheet HTML 9Page - Intersil Corporation X9C503SZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN8222.3
July 20, 2009
AC Timing Diagram
Pin Descriptions
RH/VH and RL/VL
The high (VH/RH) and low (V
L
/R
L
) terminals of the
ISLX9C102, X9C103, X9C104, X9C503 are equivalent to
the fixed terminals of a mechanical potentiometer. The
minimum voltage is -5V and the maximum is +5V. The
terminology of VH/RH and V
L
/R
L
references the relative
position of the terminal in relation to wiper movement
direction selected by the U/D input and not the voltage
potential on the terminal.
RW/VW
VW/RW is the wiper terminal, and is equivalent to the
movable terminal of a mechanical potentiometer. The
position of the wiper within the array is determined by the
control inputs. The wiper terminal series resistance is typically
40
Ω.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the
counter in the direction indicated by the logic level on the
U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The
current counter value is stored in non-volatile memory when
CS is returned HIGH while the INC input is also HIGH. After
the store operation is complete the ISLX9C102, X9C103,
X9C104, X9C503 device will be placed in the low power
standby mode until the device is selected once again.
Principles of Operation
There are three sections of the X9C102, X9C103, ISL9C104
and ISL9C503: the input control, counter and decode section;
the non-volatile memory; and the resistor array. The input
control section operates just like an up/down counter. The
output of this counter is decoded to turn on a single electronic
switch connecting a point on the resistor array to the wiper
output. Under the proper conditions, the contents of the
counter can be stored in non-volatile memory and retained for
future use. The resistor array is comprised of 99 individual
resistors connected in series. At either end of the array and
between each resistor is an electronic switch that transfers the
potential at that point to the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
The electronic switches on the device operate in a
“make-before-break” mode when the wiper changes tap
positions. If the wiper is moved several positions, multiple
taps are connected to the wiper for tIW (INC to VW/RW
change). The RTOTAL value for the device can temporarily be
reduced by a significant amount if the wiper is moved
several positions.
When the device is powered-down, the last wiper position
stored will be maintained in the non-volatile memory. When
power is restored, the contents of the memory are recalled
and the wiper is reset to the value last stored.
The internal charge pump allows a wide range of voltages
(from -5V to 5V) applied to XDCP terminals yet given a
convenience of single power supply. The typical charge
pump noise of 20mV at 850kHz should be taken in
consideration when designing an application circuit.
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
tIC
tCPH
tF
tR
10%
90%
90%
(NOTE)
NOTE: MI REFERS TO THE MINIMUM INCREMENTAL CHANGE IN THE VW OUTPUT DUE TO A CHANGE IN THE WIPER POSITION.
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C503SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C503SZ INTERSIL-X9C503SZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C503SZ INTERSIL-X9C503SZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C503SZ INTERSIL-X9C503SZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C503SZ INTERSIL-X9C503SZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Renesas Technology Corp
X9C503SZ RENESAS-X9C503SZ Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C503SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103SIZT1 INTERSIL-X9C103SIZT1 Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
logo
Maxim Integrated Produc...
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com