Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C103SIZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9C103SIZ
Description  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C103SIZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9C103SIZ Datasheet HTML 2Page - Intersil Corporation X9C103SIZ Datasheet HTML 3Page - Intersil Corporation X9C103SIZ Datasheet HTML 4Page - Intersil Corporation X9C103SIZ Datasheet HTML 5Page - Intersil Corporation X9C103SIZ Datasheet HTML 6Page - Intersil Corporation X9C103SIZ Datasheet HTML 7Page - Intersil Corporation X9C103SIZ Datasheet HTML 8Page - Intersil Corporation X9C103SIZ Datasheet HTML 9Page - Intersil Corporation X9C103SIZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN8222.3
July 20, 2009
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VR
I
THREE TERMINAL POTENTIOMETER;
VARIABLE VOLTAGE DIVIDER
TWO TERMINAL VARIABLE RESISTOR;
VARIABLE CURRENT
VH/RH
VL/RL
VW/RW
CASCADING TECHNIQUES
BUFFERED REFERENCE VOLTAGE
+
+5V
R1
+V
-5V
VW
VREF
VOUT
OP-07
VW/RW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
NONINVERTING AMPLIFIER
VO = (1+R2/R1)VS
VOLTAGE REGULATOR
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
OFFSET VOLTAGE ADJUSTMENT
+
VS
VO
R2
R1
100k
Ω
10k
Ω
10k
Ω
10k
Ω
-12V
+12V
TL072
COMPARATOR WITH HYSTERESIS
VUL = {R1/(R1 + R2)} VO(MAX)
VLL = {R1/(R1 + R2)} VO(MIN)
+
VS
VO
R2
R1
LM308A
+5V
-5V
+
VS
VO
R2
R1
LT311A
(FOR ADDITIONAL CIRCUITS SEE AN1145)
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C103SIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103SIZ INTERSIL-X9C103SIZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C103SIZ INTERSIL-X9C103SIZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C103SIZ INTERSIL-X9C103SIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SIZ INTERSIL-X9C103SIZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C103SIZ INTERSIL-X9C103SIZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
More results

Similar Description - X9C103SIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103S INTERSIL-X9C103S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
logo
Maxim Integrated Produc...
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com