Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGTL5000 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SGTL5000
Description  Low Power Stereo Codec with Headphone Amp
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SGTL5000 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SGTL5000_13 Datasheet HTML 4Page - Freescale Semiconductor, Inc SGTL5000_13 Datasheet HTML 5Page - Freescale Semiconductor, Inc SGTL5000_13 Datasheet HTML 6Page - Freescale Semiconductor, Inc SGTL5000_13 Datasheet HTML 7Page - Freescale Semiconductor, Inc SGTL5000_13 Datasheet HTML 8Page - Freescale Semiconductor, Inc SGTL5000_13 Datasheet HTML 9Page - Freescale Semiconductor, Inc SGTL5000_13 Datasheet HTML 10Page - Freescale Semiconductor, Inc SGTL5000_13 Datasheet HTML 11Page - Freescale Semiconductor, Inc SGTL5000_13 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
SGTL5000
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 6. Audio Performance 2
Test Conditions unless otherwise noted: VDDIO = 3.3 V, VDDA = 3.3 V, TA = 25°C, Slave mode, fS = 48 kHz, MCLK = 256 fS, 24
bit input. ADC tests were conducted with BIAS_CTRL = -37.5%, all other tests conducted with BIAS_CTRL = -50%.
Characteristic
Symbol
Min
Typ
Max
Unit
AUDIO PERFORMANCE
LINEIN Input Level
-
1.0
-
VRMS
LINEIN Input Impedance
10
-
-
kOhm
LINEIN -> ADC -> I2S OUT
SNR (-60 dB input)
-
90
-
dB
THD+N
-
-72
-
dB
Frequency Response
-
0.11
-
dB
Channel Separation
-
80
-
dB
LINEIN -> HEADPHONE_LINEOUT (CODEC BYPASS MODE)
SNR (-60 dB input)
-
102
-
dB
THD+N (10 kOhm load)
-
-89
-
dB
THD+N (16 Ohm load)
-
-87
-
dB
Frequency Response
-
0.05
-
dB
Channel Separation (1.0 kHz)
81
dB
I2S IN -> DAC -> LINEOUT
Output Level
-
1.0
-
VRMS
SNR (-60 dB input)
-
100
-
dB
THD+N
-
-85
-
dB
Frequency Response
-
0.12
-
dB
I2S IN -> DAC -> HEADPHONE OUT - 16 OHM LOAD
Output Power
-
58
-
mW
SNR (-60 dB input)
-
98
-
dB
THD+N
-
-86
-
dB
Frequency Response
-
0.12
-
dB
I2S IN -> DAC -> HEADPHONE OUT - 32 OHM LOAD
Output Power
-
30
-
mW
SNR (-60 dB input)
-
100
-
dB
THD+N
-
-88
-
dB
Frequency Response
-
0.11
-
dB
I2S IN -> DAC -> HEADPHONE OUT - 10 KOHM LOAD
SNR (-60 dB input)
-
97
-
dB
THD+N
-
-85
-
dB
Frequency Response
-
0.11
-
dB
PSRR (200 mVp-p @ 1.0 kHz on VDDA)
-
89
-
dB


Similar Part No. - SGTL5000_13

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
More results

Similar Description - SGTL5000_13

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com