Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMG2G75US60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMG2G75US60
Description  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMG2G75US60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMG2G75US60 Datasheet HTML 1Page - Fairchild Semiconductor FMG2G75US60 Datasheet HTML 2Page - Fairchild Semiconductor FMG2G75US60 Datasheet HTML 3Page - Fairchild Semiconductor FMG2G75US60 Datasheet HTML 4Page - Fairchild Semiconductor FMG2G75US60 Datasheet HTML 5Page - Fairchild Semiconductor FMG2G75US60 Datasheet HTML 6Page - Fairchild Semiconductor FMG2G75US60 Datasheet HTML 7Page - Fairchild Semiconductor FMG2G75US60 Datasheet HTML 8Page - Fairchild Semiconductor FMG2G75US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMG2G75US60 Rev. A
IGBT
September 2001
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Symbol
Description
FMG2G75US60
Units
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Curent
@ TC = 25°C75
A
ICM (1)
Pulsed Collector Current
150
A
IF
Diode Continuous Forward Current
@ TC = 100°C75
A
IFM
Diode Maximum Forward Current
150
A
TSC
Short Circuit Withstand Time
@ TC = 100°C10
us
PD
Maximum Power Dissipation
@ TC = 25°C
310
W
TJ
Operating Junction Temperature
-40 to +150
°C
Tstg
Storage Temperature Range
-40 to +125
°C
Viso
Isolation Voltage
@ AC 1minute
2500
V
Mounting
Torque
Power Terminals Screw : M5
2.0
N.m
Mounting Screw : M5
2.0
N.m
FMG2G75US60
Molding Type Module
General Description
Fairchild’s Insulated Gate Bipolar Transistor (IGBT) power
modules provide low conduction and switching losses as
well as short circuit ruggedness. They are designed for
applications such as motor control, uninterrupted power
supplies (UPS) and general inverters where short circuit
ruggedness is a required feature.
Features
• UL Certified No. E209204
• Short Circuit rated 10us @ TC = 100°C, VGE = 15V
• High Speed Switching
• Low Saturation Voltage : VCE(sat) = 2.2 V @ IC = 75A
• High Input Impedance
• Fast & Soft Anti-Parallel FWD
Application
• AC & DC Motor Controls
• General Purpose Inverters
• Robotics
• Servo Controls
•UPS
Internal Circuit Diagram
C1
E2
G1
E1
G2
E2
E1/C2
Package Code : 7PM-GA


Similar Part No. - FMG2G75US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
More results

Similar Description - FMG2G75US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com