Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC817X0J000F Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. PC817X0J000F
Description  DIP 4pin General Purpose Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC817X0J000F Datasheet(HTML) 5 Page - Sharp Electrionic Components

  PC817X0J000F Datasheet HTML 1Page - Sharp Electrionic Components PC817X0J000F Datasheet HTML 2Page - Sharp Electrionic Components PC817X0J000F Datasheet HTML 3Page - Sharp Electrionic Components PC817X0J000F Datasheet HTML 4Page - Sharp Electrionic Components PC817X0J000F Datasheet HTML 5Page - Sharp Electrionic Components PC817X0J000F Datasheet HTML 6Page - Sharp Electrionic Components PC817X0J000F Datasheet HTML 7Page - Sharp Electrionic Components PC817X0J000F Datasheet HTML 8Page - Sharp Electrionic Components PC817X0J000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Sheet No.: D2-A03102EN
Model Line-up
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
Lead Form
Package
Rank mark
with or without
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
2.5 to 30.0
4.0 to 8.0
6.5 to 13.0
10.0 to 20.0
15.0 to 30.0
4.0 to 13.0
6.5 to 20.0
10.0 to 30.0
4.0 to 20.0
6.5 to 30.0
4.0 to 30.0
Through-Hole
PC817XJ0000F
PC817X1J000F
PC817X2J000F
PC817X3J000F
PC817X4J000F
PC817X5J000F
PC817X6J000F
PC817X7J000F
PC817X8J000F
PC817X9J000F
PC817X0J000F
Wide Through-Hole
PC817XFJ000F
PC817XF1J00F
PC817XF2J00F
PC817XF3J00F
PC817XF4J00F
PC817XF5J00F
PC817XF6J00F
PC817XF7J00F
PC817XF8J00F
PC817XF9J00F
PC817XF0J00F
Sleeve
100pcs/sleeve
Model No.
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
Lead Form
Package
Rank mark
with or without
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
2.5 to 30.0
4.0 to 8.0
6.5 to 13.0
10.0 to 20.0
15.0 to 30.0
4.0 to 13.0
6.5 to 20.0
10.0 to 30.0
4.0 to 20.0
6.5 to 30.0
4.0 to 30.0
PC817XIJ000F
PC817XI1J00F
PC817XI2J00F
PC817XI3J00F
PC817XI4J00F
PC817XI5J00F
PC817XI6J00F
PC817XI7J00F
PC817XI8J00F
PC817XI9J00F
PC817XI0J00F
Taping
PC817XPJ000F
PC817XP1J00F
PC817XP2J00F
PC817XP3J00F
PC817XP4J00F
PC817XP5J00F
PC817XP6J00F
PC817XP7J00F
PC817XP8J00F
PC817XP9J00F
PC817XP0J00F
Wide SMT Gullwing
PC817XFPJ00F
2 000pcs/reel
Sleeve
100pcs/sleeve
SMT Gullwing
Model No.
5
Please contact a local SHARP sales representative to inquire about production status.
PC817XJ0000F Series


Similar Part No. - PC817X0J000F

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results

Similar Description - PC817X0J000F

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz