Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1L-0512SH30-NZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM1L-0512SH30-NZ
Description  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0512SH30-NZ Datasheet(HTML) 4 Page - AIMTEC

  AM1L-0512SH30-NZ Datasheet HTML 1Page - AIMTEC AM1L-0512SH30-NZ Datasheet HTML 2Page - AIMTEC AM1L-0512SH30-NZ Datasheet HTML 3Page - AIMTEC AM1L-0512SH30-NZ Datasheet HTML 4Page - AIMTEC AM1L-0512SH30-NZ Datasheet HTML 5Page - AIMTEC AM1L-0512SH30-NZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series AM1L-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.I
4 of 6
North America only
Pin Out Specifications
1000VDC
3000VDC
N.C: Not Connected
Pin
Single
1
- V Input
2
+ V Input
3
N. C.
4
- V Output
5
.+V Output
6
N.C.
7
N.C.
8
N.C.
Pin
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
N.C.
N.C.
4
Omitted
Omitted
5
-V Output
Common
6
N.C.
-V Output
7
N.C.
N.C.
8
+V Output
+V Output
9
Omitted
Omitted
10
N.C.
N.C.
11
N.C.
N.C.
12
N.C.
N.C.
Pin
Dual
1
- V Input
2
+ V Input
3
N. C.
4
Common
5
.-V Output
6
N.C.
7
+V Output
8
N.C.
9
N.C.
10
N.C.
Pin
Duel
Separated
1
- V Input
2
+ V Input
3
N.C.
5
- V1 Output
6
.+V1 Output
7
N.C
8
N.C
9
.+V2 Output
10
- V2 Output
12
N.C
13
N.C
14
N.C


Similar Part No. - AM1L-0512SH30-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1L-0512SH30-NZ AIMTEC-AM1L-0512SH30-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1L-0512SH30-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com