Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W541E204G Datasheet(PDF) 9 Page - Nuvotem Talema

Part # W541E204G
Description  Oscillation frequency up to 4 MHz , Crystal or RC oscillator is selected by mask code option
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

W541E204G Datasheet(HTML) 9 Page - Nuvotem Talema

Back Button W541E204G Datasheet HTML 5Page - Nuvotem Talema W541E204G Datasheet HTML 6Page - Nuvotem Talema W541E204G Datasheet HTML 7Page - Nuvotem Talema W541E204G Datasheet HTML 8Page - Nuvotem Talema W541E204G Datasheet HTML 9Page - Nuvotem Talema W541E204G Datasheet HTML 10Page - Nuvotem Talema W541E204G Datasheet HTML 11Page - Nuvotem Talema W541E204G Datasheet HTML 12Page - Nuvotem Talema W541E204G Datasheet HTML 13Page - Nuvotem Talema Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
W541C20X
8. PACKAGE DIMENSIONS
8.1
18-Lead PDIP-300mil
1.63
1.47
0.064
0.058
Symbol
Min. Nom
Max.
Max.
Nom
Min.
Dimension in inches
Dimension in mm
A
B
c
D
e
A
L
S
A
A
1
2
E
0.060
1.52
0.175
4.45
0.010
0.125
0.016
0.130
0.018
0.135
0.022
3.18
0.41
0.25
3.30
0.46
3.43
0.56
0.008
0.120
0.375
0.010
0.130
0.014
0.140
0.20
3.05
0.25
3.30
0.36
3.56
0.255
0.250
0.245
6.48
6.35
6.22
9.53
7.62
7.37
7.87
0.300
0.290
0.310
2.29
2.54
2.79
0.090
0.100
0.110
B1
1
e
E1
0.900
0.910
22.86
23.11
015
0.055
1.40
0.355
0.335
8.51
9.02
15
0
Seating Plane
A
e
2
A
c
E
Base Plane
1
A
1
e
L
A
S
1
E
D
1
B
B
18
10
1
9
α
α
Publication Release Date: November 06, 2009
- 9 -
Revision A6


Similar Part No. - W541E204G

ManufacturerPart #DatasheetDescription
logo
Winbond
W541E204 WINBOND-W541E204 Datasheet
93Kb / 14P
   4 BIT FLASH EPROM MICROCONTROLLER
More results

Similar Description - W541E204G

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
QUARTZCOM the communica...
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
   SMD Clock Oscillator LVDS Output frequency up to 320 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
   SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
Nippon Precision Circui...
CF5029A NPC-CF5029A Datasheet
79Kb / 7P
   Divide-by-512 Frequency Output, Crystal Oscillator Module IC
logo
Skyworks Solutions Inc.
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
   DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com