Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M054LAN Datasheet(PDF) 45 Page - Nuvotem Talema

Part No. M054LAN
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TALEMA [Nuvotem Talema]
Homepage  http://www.nuvotem.com
Logo 

M054LAN Datasheet(HTML) 45 Page - Nuvotem Talema

Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
64
M052/M054 Data Sheet
Publication Release Date: Mar 15, 2011
- 45 -
Revision V1.0
6.11 Analog-to-Digital Converter (ADC)
6.11.1 Overview
NuMicro M051
series contain one 12-bit successive approximation analog-to-digital converters
(SAR A/D converter) with 8 input channels. The A/D converter supports four operation modes:
single, burst, single-cycle scan and continuous scan mode. The A/D converters can be started by
software and external STADC/P3.2 pin.
6.11.2 Features
Analog input voltage range: 0~AVDD (Max to 5.0V).
12-bit resolution and 10-bit accuracy is guaranteed.
Up to 8 single-end analog input channels or 4 differential analog input channels.
Maximum ADC clock frequency is 16 MHz.
Up to 600k SPS conversion rate.
Four operating modes
-
Single mode: A/D conversion is performed one time on a specified channel.
-
Single-cycle scan mode: A/D conversion is performed one cycle on all specified
channels with the sequence from the lowest numbered channel to the highest numbered
channel.
-
Continuous scan mode: A/D converter continuously performs Single-cycle scan mode
until software stops A/D conversion.
-
Burst mode: A/D conversion will sample and convert the specified single channel and
sequentially store in FIFO.
An A/D conversion can be started by
-
Software Write 1 to ADST bit
-
External pin STADC
Conversion results are held in data registers for each channel with valid and overrun
indicators.
Conversion result can be compared with specify value and user can select whether to
generate an interrupt when conversion result matches the compare register setting.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn