Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M054LAN Datasheet(PDF) 39 Page - Nuvotem Talema

Part No. M054LAN
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TALEMA [Nuvotem Talema]
Homepage  http://www.nuvotem.com
Logo 

M054LAN Datasheet(HTML) 39 Page - Nuvotem Talema

Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
64
M052/M054 Data Sheet
Publication Release Date: Mar 15, 2011
- 39 -
Revision V1.0
6.8 Timer Controller
6.8.1
Overview
The timer controller includes four 32-bit timers, TIMER0~TIMER3, which allows user to easily
implement a timer control for applications. The timer can perform functions like frequency
measurement, interval measurement, clock generation, delay timing, and so on. The timer can
generates an interrupt signal upon timeout, or provide the current value of count during operation.
6.8.2
Features:
Provides four channels of 32-bit timers with one 8-bit pre-scale counter with four 24-bit up-
timer
Independent clock source for each timer.
24-bit timer value is readable through TDR (Timer Data Register)
Provides one-shot, periodic and toggle operation modes.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn