Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M054LAN Datasheet(PDF) 27 Page - Nuvotem Talema

Part No. M054LAN
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TALEMA [Nuvotem Talema]
Homepage  http://www.nuvotem.com
Logo 

M054LAN Datasheet(HTML) 27 Page - Nuvotem Talema

Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
64
M052/M054 Data Sheet
Publication Release Date: Mar 15, 2011
- 27 -
Revision V1.0
6.3.3
System Clock & SysTick Clock
The system clock has 4 clock sources which were generated from clock generator block. The
clock source switch depends on the register HCLK_S(CLKSEL0[2:0]). The block diagram is
shown in the Figure 6–4.
Figure 6–4 System Clock Block Diagram
The clock source of SysTick in Cortex-M0 core can use CPU clock or external clock
(SYST_CSR[2]). If using external clock, the SysTick clock (STCLK) has 4 clock sources. The
clock source switch depends on the setting of the register STCLK_S (CLKSEL0[5:3]. The block
diagram is shown in the Figure 6–5.
Figure 6–5 SysTick clock Control Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn