Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M054LAN Datasheet(PDF) 12 Page - Nuvotem Talema

Part No. M054LAN
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TALEMA [Nuvotem Talema]
Homepage  http://www.nuvotem.com
Logo 

M054LAN Datasheet(HTML) 12 Page - Nuvotem Talema

Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
M052/M054 Data Sheet
Publication Release Date: Mar 15, 2011
- 12 -
Revision V1.0
4
SELECTION TABLE
NuMicro M051™ Series Selection Guide
Connectivity
Part No.
APROM RAM
Data
Flash
LDROM I/O
Timer
UART SPI
I2C
PWM
ADC
EBI
ISP
ICP
Package
M052LAN
8KB
4KB
4KB
4KB
40
4x32-bit
2
2
1
8
8x12-bit
v
v
LQFP48
M052ZAN
8KB
4KB
4KB
4KB
24
4x32-bit
2
1
1
5
5x12-bit
v
QFN 33
M054LAN
16KB
4KB
4KB
4KB
40
4x32-bit
2
2
1
8
8x12-bit
v
v
LQFP48
M054ZAN
16KB
4KB
4KB
4KB
24
4x32-bit
2
1
1
5
5x12-bit
v
QFN 33
Table 4–1 NuMicro
™ M051 Series Product Selection Guide
M0 5X -X X X
ARM Cortex-M0
L : LQFP 48
Z : QFN 33
52 :
8K Flash ROM
54 : 16K Flash ROM
-
CPU core
Reserved
Part Number
Temperature
Package
-40℃ ~ +105℃
E:
-40℃ ~ +85℃
N:
-40℃ ~ +105℃
C:
Figure 4–1 NuMicro M051
™ Naming Rule


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn