Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M054LAN Datasheet(PDF) 57 Page - Nuvotem Talema

Part No. M054LAN
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TALEMA [Nuvotem Talema]
Homepage  http://www.nuvotem.com
Logo 

M054LAN Datasheet(HTML) 57 Page - Nuvotem Talema

Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
64
M052/M054 Data Sheet
Publication Release Date: Mar 15, 2011
- 57 -
Revision V1.0
(PD=0, bypass=0)
Quiescent Current
(PD=1, bypass=0)
-
5
-
uA
Quiescent Current
(PD=1, bypass=1)
-
5
-
uA
Iload (PD=0)
-
-
100
mA
Iload (PD=1)
-
-
100
uA
Cbp
-
1u
-
F
Resr=1ohm
Cload
-
250p
-
F
Note:
1.
It is recommended that a 10uF or higher capacitor and a 100nF bypass capacitor are
connected between VDD and the closest VSS pin of the device.
2.
For ensuring power stability, a 4.7uF or higher capacitor must be connected between LDO
pin and the closest VSS pin of the device. Also a 100nF bypass capacitor between LDO and
VSS help suppressing output noise.
8.4.3
Specification of Low Voltage Reset
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation voltage
-
1.7
-
5.5
V
Quiescent current
VDD5V=5.5V
-
-
5
uA
Temperature=25°
1.7
2.0
2.3
V
Temperature=-40°
-
2.4
-
V
Threshold voltage
Temperature=85°
-
1.6
-
V
Hysteresis
-
0
0
0
V
8.4.4
Specification of Brownout Detector
Parameter
Condition
Min.
Typ.
Max.
Unit
Operation voltage
-
2.5
-
5.5
V
Quiescent current
AVDD=5.5V
-
-
125
μA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn