Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ154A Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMBJ154A
Description  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ154A Datasheet(HTML) 5 Page - STMicroelectronics

  SMBJ154A Datasheet HTML 1Page - STMicroelectronics SMBJ154A Datasheet HTML 2Page - STMicroelectronics SMBJ154A Datasheet HTML 3Page - STMicroelectronics SMBJ154A Datasheet HTML 4Page - STMicroelectronics SMBJ154A Datasheet HTML 5Page - STMicroelectronics SMBJ154A Datasheet HTML 6Page - STMicroelectronics SMBJ154A Datasheet HTML 7Page - STMicroelectronics SMBJ154A Datasheet HTML 8Page - STMicroelectronics SMBJ154A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMBJ
Characteristics
Doc ID 5616 Rev 10
5/10
Figure 6.
Junction capacitance versus
reverse applied voltage for
unidirectional types (typical values)
Figure 7.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
10
100
1000
10000
1
10
100
1000
C(pF)
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
SMBJ5.0A
SMBJ12A
SMBJ24A
SMBJ40A
SMBJ85A
SMBJ188A
VR(V)
10
100
1000
10000
1
10
100
1000
C(pF)
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
SMBJ5.0CA
SMBJ12CA
SMBJ24CA
SMBJ40CA
SMBJ85CA
SMBJ188CA
VR(V)
Figure 8.
Peak forward voltage drop
versus peak forward current
(typical values)
Figure 9.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 10. Thermal resistance, junction to
ambient, versus copper surface
under each lead
Figure 11. Leakage current versus junction
temperature (typical values)
I
FM(A)
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j =25 °C
T
j =125 °C
VFM(V)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z
th(j-a) /Rth(j-a)
tP(s)
Recommended pad layout
PCB FR4, copper thickness = 35 µm
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(J-A)
SCU(cm²)
PCB FR4, copper thickness = 35 µm
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
V
R=VRM
V
RM ≥ 10 V
V
R=VRM
V
RM <10 V
Tj(°C)
I
R (nA)


Similar Part No. - SMBJ154A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ154A-TR STMICROELECTRONICS-SMBJ154A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ154A-TR STMICROELECTRONICS-SMBJ154A-TR Datasheet
158Kb / 6P
   TRANSILTM
SMBJ154A-TR STMICROELECTRONICS-SMBJ154A-TR Datasheet
133Kb / 10P
   Transil
SMBJ154A-TR STMICROELECTRONICS-SMBJ154A-TR Datasheet
131Kb / 10P
   Transil?
October 2010 Rev 10
SMBJ154ACA STMICROELECTRONICS-SMBJ154ACA Datasheet
133Kb / 10P
   Stand off voltage range: from 5 V to 188 V
More results

Similar Description - SMBJ154A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com