Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6T6V8CA Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM6T6V8CA
Description  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T6V8CA Datasheet(HTML) 5 Page - STMicroelectronics

  SM6T6V8CA Datasheet HTML 1Page - STMicroelectronics SM6T6V8CA Datasheet HTML 2Page - STMicroelectronics SM6T6V8CA Datasheet HTML 3Page - STMicroelectronics SM6T6V8CA Datasheet HTML 4Page - STMicroelectronics SM6T6V8CA Datasheet HTML 5Page - STMicroelectronics SM6T6V8CA Datasheet HTML 6Page - STMicroelectronics SM6T6V8CA Datasheet HTML 7Page - STMicroelectronics SM6T6V8CA Datasheet HTML 8Page - STMicroelectronics SM6T6V8CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SM6T
Characteristics
Doc ID 3082 Rev 9
5/10
Figure 6.
Capacitance versus reverse
applied voltage for unidirectional
types (typical values)
Figure 7.
Capacitance versus reverse applied
voltage for bidirectional types
(typical values)
C (pF)
10
100
1000
10000
1
10
100
1000
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
SM6T6V8A
SM6T15A
SM6T30A
SM6T68A
SM6T100A
SM6T220A
V(V)
R
C (pF)
10
100
1000
10000
1
10
100
1000
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
SM6T6V8CA
SM6T15CA
SM6T30CA
SM6T68CA
SM6T100CA
SM6T220CA
V(V)
R
Figure 8.
Peak forward voltage drop versus
peak forward current
(typical values)
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
FM(A)
T
j =25 °C
T
j =125 °C
VFM(V)
Zth (j-a)/Rth (j-a)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Recommended pad layout
Printed circuit board FR4, copper thickness = 35 µm
s
tp
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under each lead
Figure 11.
Leakage current versus junction
temperature (typical values)
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a) (°C/W)
(printed circuit board FR4,
copper thickness = 35 µm)
SCu(cm²)
I
R (nA)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
V
R=VRM
V
RM ≥ 10 V
V
R=VRM
V
RM < 10 V
T (° C)
j


Similar Part No. - SM6T6V8CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T6V8CA STMICROELECTRONICS-SM6T6V8CA Datasheet
186Kb / 5P
   TRANSILTM
logo
MDE Semiconductor, Inc.
SM6T6V8CA MDE-SM6T6V8CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SM6T6V8CA LUGUANG-SM6T6V8CA Datasheet
247Kb / 5P
   600Watts Surface Mount TVS
SM6T6V8CA LUGUANG-SM6T6V8CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
SM6T6V8CA-220CA LUGUANG-SM6T6V8CA-220CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
More results

Similar Description - SM6T6V8CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com