Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMBA14 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMBA14
Description  NPN Multi-Chip Darlington Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBA14 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMBA14 Datasheet HTML 1Page - Fairchild Semiconductor FMBA14 Datasheet HTML 2Page - Fairchild Semiconductor FMBA14 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
V(BR)CES
Collector-Emitter Breakdown Voltage
IC = 100
µA, IB = 0
30
V
ICBO
Collector-Cutoff Current
VCB = 30 V, IE = 0
100
nA
IEBO
Emitter-Cutoff Current
VEB = 10 V, IC = 0
100
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
IC = 10 mA, VCE = 5.0 V
IC = 100 mA, VCE = 5.0 V
10K
20K
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 100 mA, IB = 0.1 mA
1.5
V
VBE(on)
Base-Emitter On Voltage
IC = 100 mA, VCE = 5.0 V
2.0
V
SMALL SIGNAL CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 10 V,
f = 100 MHz
200
MHz
Typical Characteristics
Typical Pulsed Current Gain
vs Collector Current
0.001
0.01
0.1
1
0
50
100
150
200
250
I - COLLECTOR CURRENT (A)
C
25 °C
125 °C
- 40 °C
V
= 5V
CE
Collector-Emitter Saturation
Voltage vs Collector Current
1
10
100
1000
0
0.4
0.8
1.2
1.6
I - COLLECTOR CURRENT (mA)
C
25°C
- 40 ºC
125 ºC
β = 1000
Base-Emitter Saturation
Voltage vs Collector Current
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 ºC
125 ºC
β = 1000
Base Emitter ON Voltage vs
Collector Current
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (mA)
C
V = 5V
CE
- 40 ºC
25 °C
125 ºC
NPN Multi-Chip Darlington Transistor
(continued)


Similar Part No. - FMBA14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMBA06 FAIRCHILD-FMBA06 Datasheet
53Kb / 4P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
FMBA0656 FAIRCHILD-FMBA0656 Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT- 6 Surface Mount Package
FMBA56 FAIRCHILD-FMBA56 Datasheet
42Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
More results

Similar Description - FMBA14

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP117 CENTRAL-CP117 Datasheet
220Kb / 2P
   Power Transistor NPN - Darlington Chip
CP147 CENTRAL-CP147 Datasheet
207Kb / 2P
   Power Transistor NPN - Darlington Chip
logo
SHENZHEN YONGERJIA INDU...
MMDT5551 WINNERJOIN-MMDT5551 Datasheet
171Kb / 1P
   Multi-Chip TRANSISTOR (NPN)
BC847S WINNERJOIN-BC847S_15 Datasheet
233Kb / 3P
   NPN Multi-Chip TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
BC847S HTSEMI-BC847S Datasheet
2Mb / 2P
   Multi-chip transistor (NPN)
logo
SHENZHEN YONGERJIA INDU...
BC847S WINNERJOIN-BC847S Datasheet
233Kb / 3P
   Multi-Chip TRANSISTOR (NPN)
logo
Central Semiconductor C...
CP230 CENTRAL-CP230_10 Datasheet
463Kb / 2P
   Power Transistor NPN - Silicon Darlington Transistor Chip
CP323 CENTRAL-CP323 Datasheet
215Kb / 2P
   Small Signal Transistor NPN - Darlington Transistor Chip
CP331 CENTRAL-CP331 Datasheet
719Kb / 2P
   NPN - High Voltage Darlington Transistor Chip
logo
SeCoS Halbleitertechnol...
BC847PNW SECOS-BC847PNW Datasheet
523Kb / 6P
   NPN / PNP Multi-Chip Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com