Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPBT2532C2.AT2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 1 Page - STMicroelectronics

  SPBT2532C2.AT2 Datasheet HTML 1Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 2Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 3Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 4Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 5Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 6Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 7Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 8Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
July 2012
Doc ID 023461 Rev 1
1/27
27
SPBT2532C2.AT2
Bluetooth® V2.1 + EDR module class 2 embedding SPP and AT
commands
Datasheet
production data
Features
Bluetooth
® radio
– Fully embedded Bluetooth v2.1 + EDR with
profiles
– Class 2 module
– Complete RF ready module
ST micro Cortex-M3 microprocessor up to
72 MHz
Memory
– 256 kb Flash memory
– 48 kb RAM memory
Data rate
– 1.5 Mbps maximum data rate
Serial interface
– UART up to 2.0 Mbps
General I/O
– 4 general purpose I/Os
User interface
– AT2 command set (abSerial)
– Firmware upgrade over UART
CE and Bluetooth qualified
EPL (end product listing) fulfilled
Single voltage supply: 3.3 V typical
Micro-sized form factor: 10.5 x 13.5 x 2.5 mm
Operating temperature range: -40 °C to 85 °C
www.st.com


Similar Part No. - SPBT2532C2.AT2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2532C2.AT STMICROELECTRONICS-SPBT2532C2.AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
More results

Similar Description - SPBT2532C2.AT2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
STMicroelectronics
STA2500D STMICROELECTRONICS-STA2500D Datasheet
586Kb / 57P
   Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
logo
Laird Tech Smart Techno...
BT740 LSTD-BT740 Datasheet
1Mb / 31P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
List of Unclassifed Man...
BT740 ETC2-BT740 Datasheet
327Kb / 2P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
STMicroelectronics
GS-BT2416C2_0709 STMICROELECTRONICS-GS-BT2416C2_0709 Datasheet
804Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
GS-BT2416C2.AT1 STMICROELECTRONICS-GS-BT2416C2.AT1 Datasheet
851Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
STMicroelectronics
STA2500D STMICROELECTRONICS-STA2500D_10 Datasheet
590Kb / 58P
   Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com