Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFI13N95K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFI13N95K3
Description  N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI13N95K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STFI13N95K3 Datasheet HTML 1Page - STMicroelectronics STFI13N95K3 Datasheet HTML 2Page - STMicroelectronics STFI13N95K3 Datasheet HTML 3Page - STMicroelectronics STFI13N95K3 Datasheet HTML 4Page - STMicroelectronics STFI13N95K3 Datasheet HTML 5Page - STMicroelectronics STFI13N95K3 Datasheet HTML 6Page - STMicroelectronics STFI13N95K3 Datasheet HTML 7Page - STMicroelectronics STFI13N95K3 Datasheet HTML 8Page - STMicroelectronics STFI13N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
June 2012
Doc ID15685 Rev 3
1/19
19
STF13N95K3, STFI13N95K3,
STP13N95K3, STW13N95K3
N-channel 950 V, 0.68
Ω typ., 10 A Zener-protected SuperMESH3™
Power MOSFET in TO-220FP, I2PAKFP, TO-220 and TO-247
Datasheet
production data
Features
Gate charge minimized
Extremely large avalanche performance
100% avalanche tested
Very low intrinsic capacitance
Zener-protected
Applications
Switching applications
Description
These SuperMESH3™ Power MOSFETs are the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
These devices boast an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering them suitable
for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS RDS(on)max
ID
PTOT
STF13N95K3
950 V
< 0.85
10 A
40 W
STFI13N95K3
STP13N95K3
190 W
STW13N95K3
TO-220
TO-247
TO-220FP
PAKFP
I
2
TAB
1
3
2
D(2 or TAB)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF13N95K3
13N95K3
TO-220FP
Tube
STFI13N95K3
I2PAKFP
STP13N95K3
TO-220
STW13N95K3
TO-247
www.st.com


Similar Part No. - STFI13N95K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI13N60M2 STMICROELECTRONICS-STFI13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STFI13N65M2 STMICROELECTRONICS-STFI13N65M2 Datasheet
570Kb / 15P
   Zener-protected
December 2014 Rev 2
STFI13N80K5 STMICROELECTRONICS-STFI13N80K5 Datasheet
1Mb / 13P
   N-channel 800 V, 0.37 ??typ.,12 A MDmesh??K5 Power MOSFET in an I짼PAKFP package
December 2014 Rev 2
STFI13NK60Z STMICROELECTRONICS-STFI13NK60Z Datasheet
516Kb / 13P
   N-channel 600 V, 0.48 廓, 13 A, Zener-protected SuperMESH??Power MOSFET in I짼PAKFP package
March 2012 Rev 3
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in I짼PAKFP package
May 2012 Rev 4
More results

Similar Description - STFI13N95K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N95K3 STMICROELECTRONICS-STD5N95K3 Datasheet
1Mb / 23P
   N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
STFI5N95K3 STMICROELECTRONICS-STFI5N95K3 Datasheet
747Kb / 13P
   N-channel 950 V, 3 廓 typ., 4 A Zener-protected SuperMESH3?? Power MOSFET in I2PAKFP package
May 2013 Rev 1
STF7N95K3 STMICROELECTRONICS-STF7N95K3 Datasheet
943Kb / 15P
   N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
   N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
logo
STMicroelectronics
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com