Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS922AID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS922AID
Description  Rail-to-rail, high output current dual operational amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AID Datasheet(HTML) 1 Page - STMicroelectronics

  TS922AID Datasheet HTML 1Page - STMicroelectronics TS922AID Datasheet HTML 2Page - STMicroelectronics TS922AID Datasheet HTML 3Page - STMicroelectronics TS922AID Datasheet HTML 4Page - STMicroelectronics TS922AID Datasheet HTML 5Page - STMicroelectronics TS922AID Datasheet HTML 6Page - STMicroelectronics TS922AID Datasheet HTML 7Page - STMicroelectronics TS922AID Datasheet HTML 8Page - STMicroelectronics TS922AID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
June 2013
DocID5150 Rev 11
1/24
TS922, TS922A
Rail-to-rail, high output current dual operational amplifier
Datasheet
- production data
Features
• Rail-to-rail input and output
• Low noise: 9 nV/√Hz
• Low distortion
• High output current: 80 mA
(able to drive 32
Ω loads)
• High-speed: 4 MHz, 1 V/μs
• Operating from 2.7 to 12 V
• Low input offset voltage: 900 μV max.
(TS922A)
• ESD internal protection: 2 kV
• Latch-up immunity
• Macromodel included in this specification
• Dual version available in Flip-chip package
Applications
• Headphone and servo amplifiers
• Sound cards, multimedia systems
• Line drivers, actuator drivers
• Mobile phones and portable equipment
• Instrumentation with low noise as key factor
• Piezoelectric speaker drivers
Description
TS922 and TS922A devices are rail-to-rail dual
BiCMOS operational amplifiers optimized and
fully specified for 3 V and 5 V operation. These
devices have high output currents which allow
low-load impedances to be driven.
Very low noise, low distortion, low offset, and
a high output current capability make these
devices an excellent choice for high quality, low
voltage, or battery operated audio systems.
The devices are stable for capacitive loads up to
500 pF.
D
SO8
(plastic micropackage)
P
TSSOP8
(thin shrink small outline package)
J
Flip-chip with backcoating
N
DIP8
(plastic package)
MiniSO8
(plastic micropackage)
www.st.com


Similar Part No. - TS922AID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922AID/AIDT STMICROELECTRONICS-TS922AID/AIDT Datasheet
480Kb / 21P
   Rail-to-rail high output current dual operational amplifier
More results

Similar Description - TS922AID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
   Rail-to-rail high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
   RobuST, rail-to-rail, high output current dual operational amplifier
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
   High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com