Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT02E-12-8P Datasheet(PDF) 6 Page - Amphenol Corporation

Part # PT02E-12-8P
Description  Amphenol Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT02E-12-8P Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button PT02E-12-8P Datasheet HTML 2Page - Amphenol Corporation PT02E-12-8P Datasheet HTML 3Page - Amphenol Corporation PT02E-12-8P Datasheet HTML 4Page - Amphenol Corporation PT02E-12-8P Datasheet HTML 5Page - Amphenol Corporation PT02E-12-8P Datasheet HTML 6Page - Amphenol Corporation PT02E-12-8P Datasheet HTML 7Page - Amphenol Corporation PT02E-12-8P Datasheet HTML 8Page - Amphenol Corporation PT02E-12-8P Datasheet HTML 9Page - Amphenol Corporation PT02E-12-8P Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
4
Insert
Arrangement
Solder Termination
Crimp Termination
Total
Contacts
Contact Size
MS/PT
PT
SP
PC
Hermetic
PT
MS-PT
PC
MS/PT-SE
PT-SE
SP-SE
PC-SE
PT-CE
SP-CE
PC-CE
201612
Coax
Service
Rating
12
8
6-1
XXX
X*
1
1
I
8-2
X
XXX
X
X
2
2
I
8-3
X
XXX
X
X
3
3
I
8-4
X
XXX
X
X
4
4
I
8-33
XXX
X
X
3
3
I
8-98
XXX
3
3
I
10-2
X
X
X
2
2
I
10-5
X
X
X
X*
5
5
I
10-6
X
X
X
X
X
X
X
6
6
I
10-70
X
X
X
1
1
Coax
10-98
X
X
X
X
X*
X
6
6
I
12-3
X
X
X
X
X
X
X
3
3
II
12-4
X
X
X
X*
4
4
I
12-8
X
X
X
X
X*
X
X
8
8
I
12-10
X
X
X
X
X
X
X
10
10
I
12-14
X
X
X
14
14
I
12-98
X
X
X
10
10
I
14-2
X
X
X
2
2
II
14-4
S
S
S
X
4
4
I
14-5
X
X
X
X
X
X
X
5
5
II
14-8
X
X
X
8
6
2
I
14-12
X
X
X
X
X
X
X
12
8
4
I
14-15
X
X
X
X
X
X
X
15
14
1
I
14-18
X
X
X
X
X*
X
X
18
18
I
14-19
X
X
X
X
X
X
X
19
19
I
14-22
X*
5
1
4
I
14-71
P
X
X
(02CE)
4
3
1
I
14-91 HV
S
X
X
X*
3
3
**
14-AA
X
X
X
X
4
4
I
16-8
X
X
X
X
X
X
X
8
8
II
16-23
X
X
X
X
X
X
23
22
1
I
16-26
X
X
X
X
X
X
X
26
26
I
16-70
X
X
X
15
14
1
N/A
16-76†††
X*
14
8
1
5
***
16-99
X
X
X
X
X
23
21
2
I
18-5
X
X
X
X*
5
5
II
18-8
88
I
18-11
X
X
X
X
X
X
X
11
11
II
18-30
X
X
X
X
X*
X
X
30
29
1
I
Amphenol Miniature Cylindrical
insert availability
®
*Not available in MS version
**Flashover voltage 5,000 VAC (RMS)
***1500 VAC (RMS)
Sdesignates Socket insert only.
P designates Pin insert only.
†Size 12 contacts for #10 wire
††Not presently tooled
†††Contacts must be ordered separately


Similar Part No. - PT02E-12-8P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT02E-14-18SX-005 AMPHENOL-PT02E-14-18SX-005 Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
More results

Similar Description - PT02E-12-8P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02H-14-5P AMPHENOL-PT02H-14-5P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-10-6P AMPHENOL-PT02A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02A-14-12P AMPHENOL-PT02A-14-12P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com