Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1727890000 Datasheet(PDF) 1 Page - Weidmuller

Part No. 1727890000
Description  PCB plug-in connector, Male connectors, Soldered connection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1727890000 Datasheet(HTML) 1 Page - Weidmuller

  1727890000 Datasheet HTML 1Page - Weidmuller 1727890000 Datasheet HTML 2Page - Weidmuller 1727890000 Datasheet HTML 3Page - Weidmuller 1727890000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Solder-
connection pin headers | S2L 3.5/90 | S2L 3.5/90G
- 1 -
General ordering data
Order No.
1727890000
Part designation
S2L 3.5/18/90G 3.5SN OR
Version
PCB plug-in connector, Male connectors, Soldered
connection, Pitch: 3.50 mm, No. of poles: 18, 90°,
Box
EAN
4032248039395
Qty.
20 pc(s).
System parameters
Fitted to PCB
Soldered connection
Outgoing elbow
90°
Pitch
3.5 mm
Pitch in inch
0.138 inch
No. of poles
18
Solder pin length
3.5 mm
Can be coded
Yes
No. of rows
2
No. of solder pins per pole
1
Dia. of fitting hole
1.3 mm
Fitting hole tolerance
+ 0.1 mm
L1 in mm
28 mm
L1 in inch
1.102 inch
Electric shock protection to DIN VDE 0470
IP 10
Electric shock protection to DIN VDE 0470
Safe from back-of-hand touch
Material data
Insulating material
PBT
Colour
orange
colour chart
Similar to RAL 2000
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200
Contact base material
Copper alloy
Contact surface
tinned


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn