Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL032P0XMFI001 Datasheet(PDF) 56 Page - SPANSION

Part # S25FL032P0XMFI001
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P0XMFI001 Datasheet(HTML) 56 Page - SPANSION

Back Button S25FL032P0XMFI001 Datasheet HTML 52Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 53Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 54Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 55Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 56Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 57Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 58Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 59Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
56
S25FL032P
S25FL032P_00_09 January 29, 2013
Data
She e t
16. DC Characteristics
This section summarizes the DC Characteristics of the device. Designers should check that the operating
conditions in their circuit match the measurement conditions specified in the Test Specifications in Table 17.1
on page 57, when relying on the quoted parameters.
Table 16.1 DC Characteristics (CMOS Compatible)
Symbol
Parameter
Test Conditions
Limits
Unit
Min.
Typ*
Max
VCC
Supply Voltage
2.7
3.6
V
VHH
ACC Program Acceleration
Voltage
VCC = 2.7V to 3.6V
8.5
9.5
V
VIL
Input Low Voltage**
-0.3
0.3 x VCC
V
VIH
Input High Voltage**
0.7 x VCC
VCC +0.5
V
VOL
Output Low Voltage
IOL = 1.6 mA, VCC = VCC min.
0.4
V
VOH
Output High Voltage
IOH = -0.1 mA
VCC-0.6
V
ILI
Input Leakage Current
VCC = VCC Max,
VIN = VCC or GND
±2µA
ILO
Output Leakage Current
VCC = VCC Max,
VIN = VCC or GND
±2µA
ICC1
Active Power Supply Current -
READ
(SO = Open)
At 80 MHz
(Dual or Quad)
38
mA
At 104 MHz (Serial)
25
At 40 MHz (Serial)
12
ICC2
Active Power Supply Current
(Page Program)
CS# = VCC
26
mA
ICC3
Active Power Supply Current
(WRR)
CS# = VCC
15
mA
ICC4
Active Power Supply Current
(SE)
CS# = VCC
26
mA
ICC5
Active Power Supply Current
(BE)
CS# = VCC
26
mA
ISB1
Standby Current
CS# = VCC;
SO + VIN = GND or VCC
80
200
µA
IPD
Deep Power-down Current
CS# = VCC;
SO + VIN = GND or VCC
310
µA
*Typical values are at TAI = 25°C and VCC = 3V


Similar Part No. - S25FL032P0XMFI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P0XMFI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI000 SPANSION-S25FL032P0XMFI000 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com