Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL032P0XMFI001 Datasheet(PDF) 27 Page - SPANSION

Part # S25FL032P0XMFI001
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P0XMFI001 Datasheet(HTML) 27 Page - SPANSION

Back Button S25FL032P0XMFI001 Datasheet HTML 23Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 24Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 25Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 26Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 27Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 28Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 29Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 30Page - SPANSION S25FL032P0XMFI001 Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
January 29, 2013 S25FL032P_00_09
S25FL032P
27
Data
Sheet
9.4
Quad Output Read Mode (QOR)
The Quad Output Read instruction is similar to the FAST_READ instruction, except that the data is shifted out
4 bits at a time using 4 pins (SI/IO0, SO/IO1, W#/ACC/IO2 and HOLD#/IO3) instead of 1 bit, at a maximum
frequency of 80 MHz. The Quad Output Read mode effectively doubles the data transfer rate compared to the
Dual Output Read instruction, and is four times the data transfer rate of the FAST_READ instruction.
The host system must first select the device by driving CS# low. The Quad Output Read command is then
written to SI, followed by a 3-byte address (A23-A0) and a dummy byte. Each bit is latched on the rising edge
of SCK. Then the memory contents, at the address that are given, are shifted out four bits at a time through
IO0 (SI), IO1 (SO), IO2 (W#/ACC), and IO3 (HOLD#) pins at a frequency fC on the falling edge of SCK.
The Quad Output Read command sequence is shown in Figure 9.4 and Table 9.1 on page 23. The first
address byte specified can start at any location of the memory array. The device automatically increments to
the next higher address after each byte of data is output. The entire memory array can therefore be read with
a single Quad Output Read command. When the highest address is reached, the address counter reverts to
00000h, allowing the read sequence to continue indefinitely.
It is important that the I/O pins be set to high-impedance prior to the falling edge of the first data out clock.
The Quad Output Read command is terminated by driving CS# high at any time during data output. The
device rejects any Quad Output Read command issued while it is executing a program, erase, or Write
Registers operation, and continues the operation uninterrupted.
The Quad bit of Configuration Register must be set (CR Bit1 = 1) to enable the Quad mode capability of the
S25FL device.
Figure 9.4 Quad Output Read Instruction Sequence
CS#
SCK
SI/IO0
SO/IO1
W#/ACC/IO2
HOLD#/IO3
SI Switches from Input to Output
24 Bit
Address
Dummy Byte
Hi-Z
*MSB
28 29 30 31 32 33 34 35 36 37 38 3940414243 44 45 46 47
23
*
22 21
3
2
107
6 5
4 3
2
*
10
4
012
3
4567
8
910
Instruction
51
7
*
5
3
4
2
0
6
Hi-Z
Hi-Z
DATA
OUT 1
DATA
OUT 2
DATA
OUT 3
DATA
OUT 4
7
*
3
7
*
3
7
*
3
7
*
2
6
2
6
2
6
6
51
51
51
4
0
4
0
4
0


Similar Part No. - S25FL032P0XMFI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P0XMFI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI000 SPANSION-S25FL032P0XMFI000 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com