Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC238330224 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. BFC238330224
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238330224 Datasheet(HTML) 4 Page - Vishay Siliconix

  BFC238330224 Datasheet HTML 1Page - Vishay Siliconix BFC238330224 Datasheet HTML 2Page - Vishay Siliconix BFC238330224 Datasheet HTML 3Page - Vishay Siliconix BFC238330224 Datasheet HTML 4Page - Vishay Siliconix BFC238330224 Datasheet HTML 5Page - Vishay Siliconix BFC238330224 Datasheet HTML 6Page - Vishay Siliconix BFC238330224 Datasheet HTML 7Page - Vishay Siliconix BFC238330224 Datasheet HTML 8Page - Vishay Siliconix BFC238330224 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MMKP 383
Vishay BCcomponents AC and Pulse Double Metallized Polypropylene
Film Capacitors MMKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28124
190
Revision: 19-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
SPECIFIC REFERENCE DATA (400 Vdc)
URdc = 400 V; URac = 200 V; Upp = 560 V; C-tol. = ± 5 %
Notes
(1) Net weight for short lead products only
• SPQ = Standard Packaging Quantity
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
 0.22 µF
5 x 10-4
20 x 10-4
0.22 µF
 C  0.33 µF
 10 x 10-4
35 x 10-4
0.33 µF
 C  0.43 µF
 10 x 10-4
 40 x 10-4
0.43 µF
 C  0.68 µF
 10 x 10-4
50 x 10-4
0.68 µF
 C  0.82 µF
 10 x 10-4
55 x 10-4
0.82 µF
 C  1.2 µF
 10 x 10-4
 60 x 104
1.2 µF
 C  1.5 µF
10 x 10-4
 65 x 10-4
Rated voltage pulse slope (dU/dt)R:
C
 0.082 µF
600 V/µs
0.082 µF
 C  0.22 µF
1200 V/µs
0.22 µF
 C  0.43 µF
410 V/µs
0.42 µF
 C  1.1 µF
260 V/µs
1.1 µF
 C  1.5 µF
180 V/µs
R between leads, for C
 1µF at 100V, 1min
100 000 M
RC between leads, for C
1µF at 100 V, 1min
100 000 s
R between leads and case, 100 V, 1 min
30 000 M
Ionization (AC) voltage (typical value) at 50 pC peak discharge
 220 V
Withstanding (DC) voltage (cut off current 10 mA), rise time 100 V/s
560 V, 1 min
Withstanding (DC) voltage between leads and case
2840 V, 1 min
Maximum aplication temperature
105 °C
C
(µF)
DIMENSIONS
w x h (h’) x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 383 XXYYY AND PACKAGING
LOOSE IN BOX
REEL
C-VALUE
Leads
3.5 ± 0.3 mm
Leads
25.0 ± 2.0 mm
Original pitch
Pitch = 7.5 mm (bent back)
..YYY
Ø 500 mm
Ø 356 mm
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 15 mm
Pitch = 7.5 mm (bent back)
0.047
5.0 x 11.0 (13.0) x 17.5
1.1
10…
(1250)
14…
(1000)
12…
(1100)
13…
(950)
15…
(550)
473
0.051
513
0.056
563
0.062
6.0 x 12.0 (14.0) x 17.5
1.4
10…
(1000)
14…
(1000)
12…
(900)
13…
(800)
15…
(450)
623
0.068
683
0.075
753
0.082
823
0.091
7.0 x 13.5 (15.5) x 17.5
1.8
10…
(750)
14…
(500)
12…
(800)
13…
(700)
15…
(400)
913
0.1
104
0.11
114
0.12
8.5 x 15.0 (17.0) x 17.5
2.5
10…
(750)
14…
(500)
12…
(650)
13…
(550)
15…
(300)
124
0.13
134
0.15
154
0.16
164
0.18
10.0 x 16.5 (18.5) x 17.5
3.3
10…
(500)
14…
(450)
12…
(600)
13…
(500)
15…
(250)
184
0.2
204
0.22
224


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn