Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC238330224 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. BFC238330224
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238330224 Datasheet(HTML) 3 Page - Vishay Siliconix

  BFC238330224 Datasheet HTML 1Page - Vishay Siliconix BFC238330224 Datasheet HTML 2Page - Vishay Siliconix BFC238330224 Datasheet HTML 3Page - Vishay Siliconix BFC238330224 Datasheet HTML 4Page - Vishay Siliconix BFC238330224 Datasheet HTML 5Page - Vishay Siliconix BFC238330224 Datasheet HTML 6Page - Vishay Siliconix BFC238330224 Datasheet HTML 7Page - Vishay Siliconix BFC238330224 Datasheet HTML 8Page - Vishay Siliconix BFC238330224 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Document Number: 28124
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 19-Mar-13
189
MMKP 383
AC and Pulse Double Metallized Polypropylene
Film Capacitors MMKP Radial Potted Type
Vishay BCcomponents
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
URdc = 250 V; URac = 125 V; Upp = 350 V; C-tol. = ± 5 %
Notes
(1) Net weight for short lead products only
• SPQ = Standard Packaging Quantity
URdc = 250 V; URac = 125 V; Upp = 350 V; C-tol. = ± 5 %
Notes
(1) Net weight for short lead products only
• SPQ = Standard Packaging Quantity
C
(µF)
DIMENSIONS
w x h (h’) x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 383 XXYYY AND PACKAGING
LOOSE IN BOX
REEL
C-VALUE
Leads
3.5 ± 0.3 mm
Leads
25.0 ± 2.0 mm
Original pitch
Pitch = 7.5 mm (bent back)
..YYY
Ø 500 mm
Ø 356 mm
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 15 mm
Pitch = 7.5 mm (bent back)
0.082
5.0 x 11.0 (13.0) x 17.5
1.1
00…
(1250)
04…
(1000)
02…
(1100)
03…
(950)
05…
(550)
823
0.091
913
0.1
104
0.11
6.0 x 12.0 (14.0) x 17.5
1.4
00…
(1000)
04…
(1000)
02…
(900)
03…
(800)
05…
(450)
114
0.12
124
0.13
134
0.15
154
0.16
7.0 x 13.5 (15.5) x 17.5
1.8
00…
(750)
04…
(500)
02…
(800)
03…
(700)
05…
(400)
164
0.18
184
0.2
204
0.22
8.5 x 15.0 (17.0) x 17.5
2.6
00…
(750)
04…
(500)
02…
(650)
03…
(550)
05…
(300)
224
0.24
244
0.27
274
0.3
304
0.33
10.0 x 16.5 (18.5) x 17.5
3.3
00…
(500)
04…
(450)
02…
(600)
03…
(500)
05…
(250)
334
0.36
364
0.39
394
C
(µF)
DIMENSIONS
w xh xl
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 383 XXYYY AND PACKAGING
LOOSE IN BOX
REEL
C-VALUE
Leads
3.5 ± 0.3 mm
Leads
25.0 ± 2.0 mm
Original pitch
..YYY
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
Pitch = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 22.5 mm
0.43
7.0 x 116.5 x 26.0
3.0
00…
(200)
04…
(250)
02…
(550)
434
0.47
8.5 x 18.0 x 26.0
4.2
00…
(200)
04…
(250)
02…
(450)
474
0.51
514
0.56
564
0.62
624
0.68
10.0 x 19.5 x 26.0
5.3
00…
(200)
04…
(200)
02…
(350)
684
0.75
754
0.82
824
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 27.5 mm
0.91
11.0 x 21.0 x 31.0
8.0
00…
(750)
04…
(125)
-
914
1.0
105
1.1
115
1.2
125
1.3
13.0 x 23.0 x 31.0
9.7
00…
(500)
04…
(125)
135
1.5
155
1.6
165
1.8
15.0 x 25.0 x 31.0
12.6
00…
(100)
04…
(125)
185
2.0
205
2.2
16.3
00…
(100)
04…
(100)
225
2.4
18.0 x 28.0 x 31.0
245
2.7
275


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn