Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC238330224 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. BFC238330224
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238330224 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC238330224 Datasheet HTML 1Page - Vishay Siliconix BFC238330224 Datasheet HTML 2Page - Vishay Siliconix BFC238330224 Datasheet HTML 3Page - Vishay Siliconix BFC238330224 Datasheet HTML 4Page - Vishay Siliconix BFC238330224 Datasheet HTML 5Page - Vishay Siliconix BFC238330224 Datasheet HTML 6Page - Vishay Siliconix BFC238330224 Datasheet HTML 7Page - Vishay Siliconix BFC238330224 Datasheet HTML 8Page - Vishay Siliconix BFC238330224 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MMKP 383
Vishay BCcomponents AC and Pulse Double Metallized Polypropylene
Film Capacitors MMKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28124
188
Revision: 19-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
COMPOSITION OF CATALOG NUMBER
Note
(1) For detailed tape specifications refer to “Packaging Information” www. vishay.com/doc?28139 or end of catalog
SPECIFIC REFERENCE DATA (250 Vdc)
(1) Old ordering code
BFC2
383
XX YY Y
2222 (1)
383
XX YY Y
TYPE AND PITCHES
383
15.0 mm/7.5 mm
15.0 mm
22.5 mm
27.5 mm
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL. 250 V
400 V
630 V
1000 V
1400 V
1600 V
2000 V
2500 V
383
Loose in box
Lead length 3.5 mm ± 0.3 mm
± 5 %
00
10
20
30
40
50
60
70
Taped on reel
(bent back to
7.5 mm) (1)
H
 16.0 mm; P
0  15.0 mm
reel diameter
 500 mm
±
5 %
03
13
23
33
43
53
63
-
Dimensions of this code numbers stay between brackets
ON REQUEST
383
Loose in box
Lead length 5.0 mm ± 1.0 mm
±
5 %
01
11
21
31
41
51
61
71
Lead length 25.0 mm ± 2.0 mm
±
5 %
04
14
24
34
44
54
64
74
Taped on reel
(1)
H
 18.5 mm; P
0  12.7 mm
±
5 %
02
12
22
32
42
52
62
72
Taped on reel
(bent back to
7.5 mm) (1)
H
 16.0 mm; P
0  15.0 mm
reel diameter
 356 mm
±
5 %
05
15
25
35
45
55
65
-
Dimensions of this code numbers stay between brackets
Taped on reel
(bent back to
10.0 mm) (1)
H
 16.0 mm; P
0  15.0 mm
reel diameter
 500 mm
±
5 %
08
18
28
38
48
58
68
-
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
 10 x 10  100 nF
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
 0.15 µF
5 x 10-4
 20 x 10-4
0.15 µF
 C  0.39 µF
5 x 10-4
 25 x 10-4
0.39 µF
 C  0.56 µF
10 x 10-4
25 x 10-4
0.56 µF
 C  0.82 µF
10 x 10-4
 40 x 10-4
0.82 µF
 C  1.2 µF
10 x 10-4
50 x 10-4
1.2 µF
 C  1.8 µF
10 x 10-4
65 x 10-4
1.8 µF
 C  2.2 µF
15 x 10-4
75 x 10-4
2.2 µF
 C  2.7 µF
15 x 10-4
 85 x 10-4
Rated voltage pulse slope (dU/dt)R:
C
 0.15 µF
450 V/µs
0.15 µF
 C  0.39 µF
900 V/µs
0.39 µF
 C  0.82 µF
290 V/µs
0.82 µF
 C  2µF
190 V/µs
2µF
 C  2.7 µF
130 V/µs
R between leads, for C
 1µF at 100V, 1min
100 000 M
RC between leads, for C
1µF at 100 V, 1min
100 000 s
R between leads and case, 100 V, 1 min
30 000 M
Ionization (AC) voltage (typical value) at 50 pC peak discharge
220 V
Withstanding (DC) voltage (cut off current 10 mA), rise time 100 V/s
400 V, 1 min
Withstanding (DC) voltage between leads and case
2840 V, 1 min
Maximum application temperature
105 °C


Similar Part No. - BFC238330224

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
More results

Similar Description - BFC238330224

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz