Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC238330224 Datasheet(PDF) 14 Page - Vishay Siliconix

Part No. BFC238330224
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238330224 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button BFC238330224 Datasheet HTML 10Page - Vishay Siliconix BFC238330224 Datasheet HTML 11Page - Vishay Siliconix BFC238330224 Datasheet HTML 12Page - Vishay Siliconix BFC238330224 Datasheet HTML 13Page - Vishay Siliconix BFC238330224 Datasheet HTML 14Page - Vishay Siliconix BFC238330224 Datasheet HTML 15Page - Vishay Siliconix BFC238330224 Datasheet HTML 16Page - Vishay Siliconix BFC238330224 Datasheet HTML 17Page - Vishay Siliconix BFC238330224 Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MMKP 383
Vishay BCcomponents AC and Pulse Double Metallized Polypropylene
Film Capacitors MMKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28124
200
Revision: 19-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
URdc = 2500 V; URac = 900 V; Up=p = 2500 V; C-tol. = ± 5 %
Notes
(1) Net weight for short lead products only
• SPQ = Standard Packaging Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 383 XXYYY AND PACKAGING
LOOSE IN BOX
REEL
C-VALUE
Leads
3.5 ± 0.3 mm
Leads
25.0 ± 2.0 mm
H = 18.5 mm
..YYY
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
Pitch = 22.5 mm ± 0.4 mm; dt =0.80 mm ± 0.08 mm
0.001
6.0 x 15.5 x 26.0
2.4
70…
(200)
74…
(250)
72…
(600)
102
0.0011
112
0.0012
122
0.0013
132
0.0015
152
0.0016
162
0.0018
182
0.002
202
0.0022
222
0.0024
242
0.0027
272
0.003
302
0.0033
332
0.0036
362
0.0039
392
0.0043
432
0.0047
472
0.0051
512
0.0056
7.0 x 16.5 x 26.0
3.0
70…
(200)
74…
(250)
72…
(550)
562
0.0062
622
0.0068
682
0.0075
752
0.0082
8.5 x 18.0 x 26.0
4.2
70…
(200)
74…
(250)
72…
(450)
822
0.0091
912
0.01
103
0.011
113
0.012
10.0 x 19.5 x 26.0
5.3
70…
(200)
74…
(200)
72…
(350)
123
0.013
133
0.015
153
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.016
9.0 x 19.0 x 31.0
5.9
70…
74…
-
163
0.018
11.0 x 21.0 x 31.0
8.0
70…
(100)
74…
(125)
183
0.02
203
0.022
223
0.024
243
0.027
13.0 x 23.0 x 31.0
9.7
70…
(100)
74…
(125)
273
0.03
303
0.033
333
0.036
15.0 x 25.0 x 31.0
12.6
70…
(100)
74…
(125)
363
0.039
393
0.043
433
0.047
18.0 x 28.0 x 31.0
16.3
70…
(100)
74…
(100)
473
0.051
513
0.056
563


Similar Part No. - BFC238330224

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
More results

Similar Description - BFC238330224

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz