Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC238330224 Datasheet(PDF) 12 Page - Vishay Siliconix

Part No. BFC238330224
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238330224 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button BFC238330224 Datasheet HTML 8Page - Vishay Siliconix BFC238330224 Datasheet HTML 9Page - Vishay Siliconix BFC238330224 Datasheet HTML 10Page - Vishay Siliconix BFC238330224 Datasheet HTML 11Page - Vishay Siliconix BFC238330224 Datasheet HTML 12Page - Vishay Siliconix BFC238330224 Datasheet HTML 13Page - Vishay Siliconix BFC238330224 Datasheet HTML 14Page - Vishay Siliconix BFC238330224 Datasheet HTML 15Page - Vishay Siliconix BFC238330224 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MMKP 383
Vishay BCcomponents AC and Pulse Double Metallized Polypropylene
Film Capacitors MMKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28124
198
Revision: 19-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
URdc = 2000 V; URac = 700 V; Up-p = 2000 V; C-tol. = ± 5 %
Notes
(1) Net weight for short lead products only
• SPQ = Standard Packaging Quantity
C
(µF)
DIMENSIONS
w x h (h’) x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 383 XXYYY AND PACKAGING
LOOSE IN BOX
REEL
C-VALUE
Leads
3.5 ± 0.3
Leads
25.0 ± 2.0
Original pitch
Pitch = 7.5 mm (bent back)
..YYY
Ø 500 mm
Ø 356 mm
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 15 mm
Pitch = 7.5 mm (bent back)
0.001
5.0 x 11.0 (13.0) x 17.5
1.1
60…
(1250)
64…
(1000)
62…
(1100)
63…
(950)
65…
(550)
102
0.0011
112
0.0012
122
0.0013
132
0.0015
152
0.0016
162
0.0018
182
0.002
202
0.0022
222
0.0024
242
0.0027
6.0 x 12.0 (14.0) x 17.5
1.4
60…
(1000)
64…
(1000)
62…
(900)
63…
(800)
65…
(450)
272
0.003
302
0.0033
332
0.0036
362
0.0039
7.0 x 13.5 (15.5) x 17.5
1.8
60…
(750)
64…
(500)
62…
(800)
63…
(700)
65…
(400)
392
0.0043
432
0.0047
472
0.0051
8.5 x 15.0 (17.0) x 17.5
2.5
60…
(750)
64…
(500)
62…
(650)
63…
(550)
65…
(300)
512
0.0056
562
0.0062
622
0.0068
682
0.0075
10.0 x 16.5 (18.5) x 17.5
3.3
60…
(500)
64…
(450)
62…
(600)
63…
(500)
65…
(250)
752
0.0082
822
0.0091
912
0.01
103
Pitch = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 22.5 mm
0.011
7.0 x 16.5 x 26.0
3.0
60…
(200)
64…
(250)
62…
(550)
113
0.012
--
123
0.013
133
0.015
8.5 x 18.0 x 26.0
4.2
60…
(200)
64…
(250)
62…
(450)
153
0.016
--
163
0.018
183
0.02
10.0 x 19.5 x 26.0
5.3
60…
(200)
64…
(200)
62…
(350)
203
0.022
--
223
0.024
243
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 27.5 mm
0.027
11.0 x 21.0 x 31.0
8.0
60…
(100)
64…
(125)
-
273
0.03
303
0.033
333
0.036
363
0.039
393


Similar Part No. - BFC238330224

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
More results

Similar Description - BFC238330224

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz