Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA479S-TAP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA479S-TAP
Description  RF PIN Diodes - Single in DO-35
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA479S-TAP Datasheet(HTML) 1 Page - Vishay Siliconix

  BA479S-TAP Datasheet HTML 1Page - Vishay Siliconix BA479S-TAP Datasheet HTML 2Page - Vishay Siliconix BA479S-TAP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BA479G, BA479S
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 06-May-13
1
Document Number: 85527
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF PIN Diodes - Single in DO-35
MECHANICAL DATA
Case: DO-35
Weight: approx. 125 mg
Cathode band color: black
Packaging codes/options:
TR/10K per 13" reel (52 mm tape), 50K/box
TAP/10K per ammopack (52 mm tape), 50K/box
FEATURES
• Wide frequency range 10 MHz to 1 GHz
• AEC-Q101 qualified
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Current
controlled
HF
resistance
in
adjustable
attenuators
PARTS TABLE
PART
TYPE
DIFFERENTIATION
ORDERING CODE
TYPE MARKING
INTERNAL
CONSTRUCTION
REMARKS
BA479G
VR = 30 V, zr > 5 k
BA479G-TR or BA479G-TAP
BA479G
Single diode
Tape and reel/ammopack
BA479S
VR = 30 V, zr > 9 k
BA479S-TR or BA479S-TAP
BA479S
Single diode
Tape and reel/ammopack
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PART
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
30
V
Forward continuous current
IF
50
mA
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
l = 4 mm, TL = constant
RthJA
350
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 20 mA
VF
1V
Reverse current
VR = 30 V
IR
0.05
μA
Diode capacitance
f = 100 MHz, VR = 0 V
CD
0.5
pF
Differential forward resistance
f = 100 MHz, IF = 1.5 mA
rf
50
Reverse impedance
f = 100 MHz, VR = 0 V
BA479G
zr
5k
BA479S
zr
9k
Minority carrier lifetime
IF = 10 mA, IR = 10 mA
4μs


Similar Part No. - BA479S-TAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA479S VISHAY-BA479S Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
BA479S VISHAY-BA479S Datasheet
104Kb / 4P
   RF PIN Diodes - Single in DO-35
Rev. 1.7, 05-Aug-10
BA479S VISHAY-BA479S Datasheet
81Kb / 3P
   RF PIN Diodes - Single in DO-35 (DO-204AH)
01-Jan-2022
More results

Similar Description - BA479S-TAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA479G VISHAY-BA479G_10 Datasheet
104Kb / 4P
   RF PIN Diodes - Single in DO-35
Rev. 1.7, 05-Aug-10
BA479G VISHAY-BA479G_V01 Datasheet
81Kb / 3P
   RF PIN Diodes - Single in DO-35 (DO-204AH)
01-Jan-2022
BA779 VISHAY-BA779_08 Datasheet
156Kb / 5P
   RF PIN Diodes - Single in SOT23
Rev. 1.7, 19-Feb-07
logo
Microsemi Corporation
LL485B MICROSEMI-LL485B Datasheet
67Kb / 1P
   High Conductance DO-35 Diodes
1N482B MICROSEMI-1N482B Datasheet
57Kb / 1P
   High Conductance DO-35 Diodes
logo
Jiangsu High diode Semi...
DB3-DO-35 HDSEMI-DB3-DO-35 Datasheet
1Mb / 4P
   DO-35 Glass-Encapsulate Diodes
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
   DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
   DO-35 Glass-Encapsulate Diodes
BZX55 HDSEMI-BZX55 Datasheet
1Mb / 6P
   DO-35 Glass-Encapsulate Diodes
logo
Vishay Siliconix
BA679 VISHAY-BA679_08 Datasheet
138Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD80
Rev. 1.6, 12-Sep-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com