Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592D228X06R3X2T20H Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 592D228X06R3X2T20H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D228X06R3X2T20H Datasheet(HTML) 2 Page - Vishay Siliconix

  592D228X06R3X2T20H Datasheet HTML 1Page - Vishay Siliconix 592D228X06R3X2T20H Datasheet HTML 2Page - Vishay Siliconix 592D228X06R3X2T20H Datasheet HTML 3Page - Vishay Siliconix 592D228X06R3X2T20H Datasheet HTML 4Page - Vishay Siliconix 592D228X06R3X2T20H Datasheet HTML 5Page - Vishay Siliconix 592D228X06R3X2T20H Datasheet HTML 6Page - Vishay Siliconix 592D228X06R3X2T20H Datasheet HTML 7Page - Vishay Siliconix 592D228X06R3X2T20H Datasheet HTML 8Page - Vishay Siliconix 592D228X06R3X2T20H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
592D
www.vishay.com
Vishay Sprague
Revision: 10-Jan-13
2
Document Number: 40004
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
(1) For package height, please refer to specific rating in the “Standard Ratings” table
DIMENSIONS in inches [millimeters]
CASE CODE
L MAX.
W
A
B
D REF.
J MAX.
A
0.146 [3.7]
0.071 ± 0.012
[1.8 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.087 ± 0.016
[2.2 ± 0.4]
0.114 [2.9]
0.004 [0.1]
B
0.157 [4.0]
0.110 + 0.012/- 0.016
[2.8 + 0.3/- 0.4]
0.031 ± 0.012
[0.8 ± 0.3]
0.098 ± 0.016
[2.5 ± 0.4]
0.138 [3.5]
0.004 [0.1]
C
0.28 [7.1]
0.126 ± 0.012
[3.2 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.173 ± 0.024
[4.4 ± 0.6]
0.236 [6.0]
0.004 [0.1]
D
0.295 [7.5]
0.169 ± 0.012
[4.3 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.252 [6.4]
0.004 [0.1]
M
0.295 [7.5]
0.248 ± 0.012
[6.3 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.200 ± 0.024
[5.1 ± 0.6]
0.264 [6.7]
0.004 [0.1]
R
0.283 [7.2]
0.236 + 0.012/- 0.024
[6.0 + 0.3/- 0.6]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.244 [6.2]
0.004 [0.1]
S
0.138 [3.5]
0.063 ± 0.012
[1.6 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.079 ± 0.012
[2.0 ± 0.3]
0.087 [2.2]
0.004 [0.1]
X
0.571 [14.5]
0.290 + 0.010/- 0.020
[7.37 + 0.25/- 0.5]
0.051 ± 0.016
[1.3 ± 0.4]
0.469 ± 0.024
[11.9 ± 0.6]
0.52 [13.2]
0.004 [0.1]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
1.0
A/B
B
1.5
B
2.2
AA/B
B/C
C
3.3
B/C
C/D
C
4.7
A
A
A/B
C
B/C/D/R
C/R
6.8
A
A/B
B/C
C/D
D/R
R
10
A
A/B
B/C
B/C/D
B/D/R
R
R
15
A/B
B
B/C/D
C/D/R
R
22
A/B
A/B
A/B/C
B/C/D
B/D/R
33
B
A/B/C/S
C/D
B/C/D/R
R
C
47
C
A/B/C/D
B/D/R
B/C/R
68
B/C/D
B/C/D/R
B/C/D/R
C/D
R
100
A/B/C/D/R
B/C/D/R
B/C/D/R
C/D
R
120
C
150
B/C/D/R
C/D/R
C/D
D/R
220
C/D/R
C/D/R
D/R
R
330
C/D
C/D/R
D/R
470
C/D/R
C/D/R
680
D/R
R
X
1000
R
R/X
1500
X
M/R/X
2200
X
X
L
A
B
D
MAX.
REF.
W
J
J
H
(1)
MAX.
MAX.
Tantalum wire
nib identifies
anode (+)
terminal


Similar Part No. - 592D228X06R3X2T20H

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
592D228X06R3X2T269 RICHTEK-592D228X06R3X2T269 Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
More results

Similar Description - 592D228X06R3X2T20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
591D VISHAY-591D_08 Datasheet
123Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com