Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM811LUX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM811LUX
Description  Microprocessor Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM811LUX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM811LUX Datasheet HTML 1Page - Fairchild Semiconductor FM811LUX Datasheet HTML 2Page - Fairchild Semiconductor FM811LUX Datasheet HTML 3Page - Fairchild Semiconductor FM811LUX Datasheet HTML 4Page - Fairchild Semiconductor FM811LUX Datasheet HTML 5Page - Fairchild Semiconductor FM811LUX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FM811/812
REV. 1.5.1 7/15/02
3
Absolute Maximum Ratings
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
Operating ranges define those limits between which the functionality of the device is guaranteed.
Electrical Characteristics
VCC = 5V for FM81_L/M/J, VCC = 3.3V for FM81_S/T, VCC = 3V for FM81_R, TA = Operating Temperature Range,
unless otherwise noted.
Parameter
Symbol
Ratings
Units
Terminal Voltage
VCC
-0.3 to 6.0
V
MR
-0.3 to (VCC + 0.3)
V
Input Current
VCC, MR
20
mA
Output Current
RESET, RESET
20
mA
Rate of Rise
VCC
100
V/µs
Operating Temperature Range
TA
-40 to +85
˚C
Storage Temperature Range
-65 to +150
˚C
Lead Temperature Range
300
˚C
Power Dissipation (TA = +70˚C)
320
mW
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Voltage Range
TA = 0˚C to 70˚C
TA = -40˚C to 85˚C
1.4
1.6
5.5
5.5
V
Supply Current, ICC
FM811L/M/J, FM812L/M/J
VCC < 3.6V, FM811R/S/T, FM812R/S/T
9
6
15
10
µA
Reset Voltage Threshold,
VTH
FM811L, FM812L
FM811M, FM812M
FM811J, FM812J
FM811T, FM812T
FM811S, FM812S
FM811R, FM812R
4.40
4.18
3.90
2.97
2.79
2.49
4.63
4.38
4.00
3.08
2.93
2.63
4.86
4.52
4.18
3.19
3.00
2.70
V
Reset Time-out Period, tR
140
240
560
ms
RESET Output Voltage, VOH ISOURCE = 800µA, FM811L/M/J
ISOURCE = 500µA, FM811R/S/T
VCC - 1.5
0.8 x VCC
V
RESET Output Voltage, VOL VCC= VTH Min., ISINK = 3.2mA, FM811L/M/J
VCC= VTH Min., ISINK = 1.2mA, FM811R/S/T
VCC > 1.4V, ISINK = 50µA, TA= 0˚C to 70˚C
VCC > 1.6V, ISINK = 50µA, TA= -40˚C to
85˚C
0.4
0.3
0.3
0.3
V
RESET Output Voltage, VOH 1.8V < VCC < VTH Min., ISOURCE = 150µA
0.8 x VCC
V
RESET Output Voltage, VOL ISINK = 3.2mA, FM810L/M/J
ISINK = 1.2mA, FM810R/S/T
0.4
0.35
V
MR Minimum Pulse Width
10
µs
MR to Reset Delay
0.5
µs
MR Input Threshold, VIH
VCC > VTH Max., FM81_L/M/J
FM81_R/S/T
2.3
0.7 x VCC
V
MR Input Threshold, VIL
VCC > VTH Max., FM81_L/M/J
FM81_R/S/T
0.8
0.25xVCC
MR Pull-Up Resistance
10
20
30
k
MR Glitch Immunity
100
ns


Similar Part No. - FM811LUX

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM811 FUMAN-FM811 Datasheet
214Kb / 3P
   Meteor shower
More results

Similar Description - FM811LUX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com