Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GLF2012T1R0M Datasheet(PDF) 18 Page - TDK Electronics

Part No. GLF2012T1R0M
Description  GLF,GLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo TDK - TDK Electronics

GLF2012T1R0M Datasheet(HTML) 18 Page - TDK Electronics

Back Button GLF2012T1R0M Datasheet HTML 12Page - TDK Electronics GLF2012T1R0M Datasheet HTML 13Page - TDK Electronics GLF2012T1R0M Datasheet HTML 14Page - TDK Electronics GLF2012T1R0M Datasheet HTML 15Page - TDK Electronics GLF2012T1R0M Datasheet HTML 16Page - TDK Electronics GLF2012T1R0M Datasheet HTML 17Page - TDK Electronics GLF2012T1R0M Datasheet HTML 18Page - TDK Electronics GLF2012T1R0M Datasheet HTML 19Page - TDK Electronics GLF2012T1R0M Datasheet HTML 20Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TDK Electronics Europe GmbH - September 2004
Copyright 2004 by TDK Electronics Europe GmbH. All rights reserved.
Test Item
Test Condition
Specification
Tem perature characteristics
The test shall be perform ed after the sam ple has stabilized in an
L
20
±10%
am bient tem perature of -40 to +105 ,and the value calculated based
L
-40C
20C
105C
on the value applicable in a norm al tem perature of +20 .
Avg.
-3.91
0.00
3.81
Max.
-3.09
0.00
4.79
Min.
-4.55
0.00
2.50
Therm al shock
The test shall be perform ed upon com pletion of 100 cycles in accordance
No m echanical dam ege.
w ith the conditions in the figure below , the m easurem ent shall be m ade
L/Lo ±10%
L
Initial
Final
after the sam ple has been left in a norm al tem perature and norm al
Avg.
0.00
0.22
hum idity m ore than 12hours.
Max.
0.00
1.38
Min.
0.00
-0.69
Low tem perature storage
This test shall be perform ed upon com pletion of 1000±12hours in an
No m echanical dam ege.
atm osphere w ith a tem perature of -40±2 Upon com pletion of the test,
L/Lo ±10%
L
Initial
Final
the m easurem ent shall be m ade after The sam ple has been left in a
Avg.
0.00
1.22
norm al tem perature and norm al hum idity m ore than 12hours.
Max.
0.00
3.56
Min.
0.00
-0.32
Continuous operation
The sam ple shall be left for 1000±12hours in an atm osphere w ith a
No m echanical dam ege.
in high tem perature
tem perature of +105±2 , under supplying rated current.Upon
L/Lo ±10%
L
Initial
Final
com pletion of the test, the m easurem ent shall be m ade after the sam ple
Avg.
0.00
0.75
has been left in a norm al tem perature and norm al hum idiy m ore than
Max.
0.00
1.52
12hours.
Min.
0.00
0.22
Continuous operation
The sam ple shall be left for 1000±12hours in an atm osphere w ith a
No m echanical dam ege.
in m oisture
tem perature of +60±3 and a hum idity(RH)of 90-95%,under
L/Lo ±10%
L
Initial
Final
supplying rated current.Upon com pletion of the test,the m easurem ent
Avg.
0.00
0.51
shall be m ade after the sam ple has been left in a norm al tem prature
Max.
0.00
2.14
and norm al hum idity m ora than 12hours.
Min.
0.00
-0.49
12hours.
TEST RESULT
+105
+20
-40
30m in
30m in
1c yc le
Reliability requirements
Reliability requirements


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn