Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM27C256NE120 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FM27C256NE120
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C256NE120 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FM27C256NE120 Datasheet HTML 2Page - Fairchild Semiconductor FM27C256NE120 Datasheet HTML 3Page - Fairchild Semiconductor FM27C256NE120 Datasheet HTML 4Page - Fairchild Semiconductor FM27C256NE120 Datasheet HTML 5Page - Fairchild Semiconductor FM27C256NE120 Datasheet HTML 6Page - Fairchild Semiconductor FM27C256NE120 Datasheet HTML 7Page - Fairchild Semiconductor FM27C256NE120 Datasheet HTML 8Page - Fairchild Semiconductor FM27C256NE120 Datasheet HTML 9Page - Fairchild Semiconductor FM27C256NE120 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
www.fairchildsemi.com
FM27C256
Functional Description (Continued)
ERASURE CHARACTERISTICS
The erasure characteristics of the device are such that erasure
begins to occur when exposed to light with wavelengths shorter
than approximately 4000 Angstroms (Å). It should be noted that
sunlight and certain types of fluorescent lamps have wavelengths
in the 3000Å–4000Å range.
The recommended erasure procedure for the EPROM is expo-
sure to short wave ultraviolet light which has a wavelength of
2537Å. The integrated dose (i.e., UV intensity x exposure time) for
erasure should be a minimum of 15W-sec/cm2.
The EPROM should be placed within 1 inch of the lamp tubes
during erasure. Some lamps have a filter on their tubes which
should be removed before erasure
An erasure system should be calibrated periodically. The distance
from lamp to device should be maintained at one inch. The erasure
time increases as the square of the distance from the lamp (if
distance is doubled the erasure time increases by factor of 4).
Lamps lose intensity as they age. When a lamp is changed, the
distance has changed, or the lamp has aged, the system should
be checked to make certain full erasure is occurring. Incomplete
erasure will cause symptoms that can be misleading. Program-
mers, components, and even system designs have been errone-
ously suspected when incomplete erasure was the problem.
SYSTEM CONSIDERATION
The power switching characteristics of EPROMs require careful
decoupling of the devices. The supply current, ICC, has three
segments that are of interest to the system designer: the standby
current level, the active current level, and the transient current
peaks that are produced by voltage transitions on input pins. The
magnitude of these transient current peaks is dependent of the
output capacitance loading of the device. The associated V
CC
transient voltage peaks can be suppressed by properly selected
decoupling capacitors. It is recommended that at least a 0.1
µF
ceramic capacitor be used on every device between V
CC and
GND. This should be a high frequency capacitor of low inherent
inductance. In addition, at least a 4.7
µF bulk electrolytic capacitor
should be used between V
CC and GND for each eight devices. The
bulk capacitor should be located near where the power supply is
connected to the array. The purpose of the bulk capacitor is to
overcome the voltage drop caused by the inductive effects of the
PC board traces.
Mode Selection
The modes of operation of FM27C256 listed in Table 1. A single 5V power supply is required in the read mode. All inputs are TTL levels
except for V
PP and A9 for device signature.
TABLE 1. Modes Selection
Pins
CE/PGM
OE
VPP
VCC
Outputs
Mode
Read
VIL
VIL
VCC
5.0V
DOUT
Output Disable
X
V
IH
V
CC
5.0V
High-Z
(Note 16)
Standby
V
IH
XV
CC
5.0V
High-Z
Programming
V
IL
VIH
12.75V
6.25V
D
IN
Program Verify
V
IH
V
IL
12.75V
6.25V
D
OUT
Program Inhibit
V
IH
V
IH
12.75V
6.25V
High-Z
Note 16: X can be VIL or VIH.
TABLE 2. Manufacturer’s Identification Code
Pins
A0
A9
O7O6O5O4O3O2O1O0
Hex
(10)
(24)
(19)
(18)
(17)
(16)
(15)
(13)
(12)
(11)
Data
Manufacturer Code
V
IL
12V
10001111
8F
Device Code
V
IH
12V
00000100
04


Similar Part No. - FM27C256NE120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N120 FAIRCHILD-FM27C010N120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N150 FAIRCHILD-FM27C010N150 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N90 FAIRCHILD-FM27C010N90 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010NE120 FAIRCHILD-FM27C010NE120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C256NE120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com