Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-L9637D Datasheet(PDF) 1 Page - STMicroelectronics

Part # E-L9637D
Description  Monolithic bus driver with ISO 9141 interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L9637D Datasheet(HTML) 1 Page - STMicroelectronics

  E-L9637D Datasheet HTML 1Page - STMicroelectronics E-L9637D Datasheet HTML 2Page - STMicroelectronics E-L9637D Datasheet HTML 3Page - STMicroelectronics E-L9637D Datasheet HTML 4Page - STMicroelectronics E-L9637D Datasheet HTML 5Page - STMicroelectronics E-L9637D Datasheet HTML 6Page - STMicroelectronics E-L9637D Datasheet HTML 7Page - STMicroelectronics E-L9637D Datasheet HTML 8Page - STMicroelectronics E-L9637D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2009
Doc ID 1765 Rev 7
1/15
15
L9637
Monolithic bus driver with ISO 9141 interface
Features
Operating power supply voltage range
4.5 V
≤ V
S ≤ 36 V (40 V for transients)
Reverse supply (battery) protected down to
VS ≥ -24 V
Standby mode with very low current
consumption ISSB ≤ 1 mA @ VCC ≤ 0.5 V
Low quiescent current in off condition
ISOFF = 120 µA
TTL compatible TX input
Bidirectional K-I/O pin with supply voltage
dependent input threshold
Overtemperature shut down function Selective
to K-I/O pin
Wide input and output voltage range
-24 V
≤ V
K ≤ VS
K output current limitation, typ. IK = 60 mA
Defined OFF output status in undervoltage
condition and VS or GND interruption
Controlled output slope for low EMI
High input impedance for open VS or GND
connection
Defined output ON status of LO or RX for open
LI or K inputs
Defined K output OFF for TX input open
Integrated pull up resistors for TX, RX and LO
EMI robustness optimized
Description
The L9637 is a monolithic integrated circuit
containing standard ISO 9141 compatible
interface functions.
SO8
Table 1.
Device summary
Order code
Package
Packing
L9637D
SO8
Tube
L9637D013TR
SO8
Tape and reel
E-L9637D(1)
1.
Device in ECOPACK® package (see Section 4: Package information on page 13).
SO8
Tube
E-L9637D013TR(1)
SO8
Tape and reel
www.st.com


Similar Part No. - E-L9637D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L9338MD STMICROELECTRONICS-E-L9338MD Datasheet
172Kb / 14P
   Quad low side driver
E-L9338MD-TR STMICROELECTRONICS-E-L9338MD-TR Datasheet
172Kb / 14P
   Quad low side driver
E-L9338MDTR STMICROELECTRONICS-E-L9338MDTR Datasheet
172Kb / 14P
   Quad low side driver
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
269Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
383Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
More results

Similar Description - E-L9637D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
   ISO 9141 INTERFACE
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
NXP Semiconductors
PCF8577C PHILIPS-PCF8577C Datasheet
175Kb / 28P
   LCD direct/duplex driver with I2C-bus interface
1998 Jul 30
SAA1064TD-T NXP-SAA1064TD-T Datasheet
115Kb / 19P
   4-digit LED-driver with I2C-Bus interface
February 1991
SAA1064 PHILIPS-SAA1064 Datasheet
129Kb / 19P
   4-digit LED-driver with I2C-Bus interface
February 1991
logo
Renesas Technology Corp
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
   Bus Interface Driver/Receiver IC
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
   Bus Interface Driver/Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com