Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM27C256 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM27C256
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C256 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM27C256 Datasheet HTML 1Page - Fairchild Semiconductor FM27C256 Datasheet HTML 2Page - Fairchild Semiconductor FM27C256 Datasheet HTML 3Page - Fairchild Semiconductor FM27C256 Datasheet HTML 4Page - Fairchild Semiconductor FM27C256 Datasheet HTML 5Page - Fairchild Semiconductor FM27C256 Datasheet HTML 6Page - Fairchild Semiconductor FM27C256 Datasheet HTML 7Page - Fairchild Semiconductor FM27C256 Datasheet HTML 8Page - Fairchild Semiconductor FM27C256 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.fairchildsemi.com
www.fairchildsemi.com
FM27C256
FM27C256
262,144-Bit (32K x 8) High Performance CMOS EPROM
General Description
The FM27C256 is a 256K Electrically Programmable Read Only
Memory. It is manufactured in Fairchild’s latest CMOS split gate
EPROM technology which enables it to operate at speeds as fast
as 90 ns access time over the full operating range.
The FM27C256 provides microprocessor-based systems exten-
sive storage capacity for large portions of operating system and
application software. Its 90 ns access time provides high speed
operation with high-performance CPUs. The FM27C256 offers a
single chip solution for the code storage requirements of 100%
firmware-based equipment. Frequently-used software routines
are quickly executed from EPROM storage, greatly enhancing
system utility.
The FM27C256 is configured in the standard EPROM pinout
which provides an easy upgrade path for systems which are
currently using standard EPROMs.
Block Diagram
January 2000
The FM27C256 is one member of a high density EPROM Family
which range in densities up to 4 Mb.
Features
I High performance CMOS
— 90 ns access time
I JEDEC standard pin configuration
— 28-pin PDIP package
— 32-pin chip carrier
— 28-pin CERDIP package
I Drop-in replacement for 27C256 or 27256
I Manufacturer’s identification code
DS800034-1
Output Enable
and Chip Enable Logic
Y Decoder
X Decoder
Output
Buffers
Y Gating
Data Outputs O0 - O7
VCC
GND
VPP
OE
CE/PGM
A0 - A14
Address
Inputs
© 1998 Fairchild Semiconductor Corporation


Similar Part No. - FM27C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N120 FAIRCHILD-FM27C010N120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N150 FAIRCHILD-FM27C010N150 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N90 FAIRCHILD-FM27C010N90 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010NE120 FAIRCHILD-FM27C010NE120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com