Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM27C010Q Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FM27C010Q
Description  1,048,576-Bit 128K x 8 High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C010Q Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM27C010Q Datasheet HTML 1Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 2Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 3Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 4Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 5Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 6Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 7Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 8Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
www.fairchildsemi.com
FM27C010
Connection Diagrams
DIP PIN CONFIGURATIONS
Note:
Compatible EPROM pin configurations are shown in the blocks adjacent to the FM27C010 pins.
Commercial Temperature Range
(0
°C to +70°C) V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
FM27C010 Q, V, N 90
90
FM27C010 Q, V, N 120
120
FM27C010 Q, V, N 150
150
Extended Temperature Range
(-40
°C to +85°C) V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
FM27C010 QE, VE, NE 90
90
FM27C010 QE, VE, NE 120
120
FM27C010 QE, VE, NE 150
150
Package Types: FM27C010 Q, N, V XXX
Q = Quartz-Windowed Ceramic DIP package
V = PLCC package
N = Plastic DIP package
• All packages conform to JEDEC standard.
• All versions are guaranteed to function at slower speeds.
Pin Names
A0–A16
Addresses
CE
Chip Enable
OE
Output Enable
O0–O7
Outputs
PGM
Program
XX
Don’t Care (During Read)
PLCC Pin Configuration
Top View
DS800032-10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
XX/VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
XX/VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C040
DIP
FM27C010
VCC
XX/PGM
XX
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C256
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C512
27C040
VCC
A18
A17
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
VCC
A14
A13
A8
A9
A11
OE/VPP
A10
CE/PGM
O7
O6
O5
O4
O3
VCC
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
27C256
27C512
A14
A13
A8
A9
A11
OE
A10
CE
O7
A7
A6
A5
A4
A3
A2
A1
A0
O0
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
14 15 16 17 18 19 20
4
3
2
1 32 31 30
DS800032-3


Similar Part No. - FM27C010Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C040 FAIRCHILD-FM27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N120 FAIRCHILD-FM27C040N120 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N150 FAIRCHILD-FM27C040N150 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N90 FAIRCHILD-FM27C040N90 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040NE120 FAIRCHILD-FM27C040NE120 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C010Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
NM27LV010 FAIRCHILD-NM27LV010 Datasheet
100Kb / 10P
   1,048,576-Bit (128k x 8) Low Voltage EPROM
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com