Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM27C010Q Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FM27C010Q
Description  1,048,576-Bit 128K x 8 High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C010Q Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FM27C010Q Datasheet HTML 2Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 3Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 4Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 5Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 6Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 7Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 8Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 9Page - Fairchild Semiconductor FM27C010Q Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
www.fairchildsemi.com
FM27C010
Turbo Programming Algorithm Flow Chart
FIGURE 1.
DS800032-6
V
CC = 6.5V VPP = 12.75V
n = 0
ADDRESS = FIRST LOCATION
CHECK ALL BYTES
1ST: V
CC = VPP = 6.0V
2ND: V
CC = VPP = 4.3V
PROGRAM ONE 50
µs PULSE
INCREMENT n
ADDRESS = FIRST LOCATION
VERIFY
BYTE
n = 10?
DEVICE
FAILED
LAST
ADDRESS
?
INCREMENT
ADDRESS
n = 0
PROGRAM ONE
50
µs
PULSE
INCREMENT
ADDRESS
VERIFY
BYTE
LAST
ADDRESS
?
PASS
NO
FAIL
YES
YES
PASS
NO
FAIL
NO
YES
Note:
The standard National Semiconductor Algorithm may also be used but it will have longer programming time.


Similar Part No. - FM27C010Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C040 FAIRCHILD-FM27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N120 FAIRCHILD-FM27C040N120 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N150 FAIRCHILD-FM27C040N150 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040N90 FAIRCHILD-FM27C040N90 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
FM27C040NE120 FAIRCHILD-FM27C040NE120 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C010Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
NM27LV010 FAIRCHILD-NM27LV010 Datasheet
100Kb / 10P
   1,048,576-Bit (128k x 8) Low Voltage EPROM
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com