Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXH8-FW40-Y Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # LXH8-FW40-Y
Description  High-Efficacy, Illumination Grade LED light source
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXH8-FW40-Y Datasheet(HTML) 1 Page - Lumileds Lighting Company

  LXH8-FW40-Y Datasheet HTML 1Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 2Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 3Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 4Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 5Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 6Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 7Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 8Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LUXEON T DS106 ©2013 Philips Lumileds Lighting Company.
LUXEON T
•Superior efficacy and light output from a compact source
•Optimized for efficacy driven applications with typical V
f: 2.7V and low
thermal resistance: 3 K/W
•Delivers high luminance ideal for directional lighting
•Specified, targeted and tested hot, at real world operating temperatures,
T
j = 85°C to ensure in-application performance
•FreedomfromBinning delivers color consistency within 3
or 5-step SDCM MacAdam Ellipse
•Proven reliability
•Exceeds ENERGY STAR lumen maintenance requirements
•UL-recognized component [E352519] with level 4 enclosure
consideration
Key Applications
•Lamps
•Downlights
•Indoor
•High bay & Low bay
•Outdoor
•Architectural
LUXEON T
High-Efficacy, Illumination
Grade LED light source
Introduction
LUXEON® T emitters are illumination grade LEDs designed to deliver high efficacy with high flux density to enable
tight beam control in directional and high-lumen applications. With FreedomfromBinningTM and leading performance,
LUXEON T emitters allow system optimization to achieve the highest possible efficacy and the flexibility to
reduce the number of emitters, all without compromising on high color rendering across the full Correlated Color
Temperature (CCT) range from 2700K to 5000K. With tight CCT control, LUXEON T ensures consistency in
system color point.


Similar Part No. - LXH8-FW40-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXH8-FW40-Y LUMILEDS-LXH8-FW40-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
More results

Similar Description - LXH8-FW40-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
LOPL-E011WA LITEON-LOPL-E011WA Datasheet
248Kb / 12P
   High power LED light source
LOPL-E001H LITEON-LOPL-E001H Datasheet
302Kb / 12P
   High power LED light source
LOPL-E001R LITEON-LOPL-E001R Datasheet
316Kb / 12P
   High power LED light source
LTPL-P013WS57 LITEON-LTPL-P013WS57 Datasheet
282Kb / 16P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com