Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXH8-FW40-Y Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LXH8-FW40-Y
Description  High-Efficacy, Illumination Grade LED light source
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXH8-FW40-Y Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LXH8-FW40-Y Datasheet HTML 1Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 2Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 3Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 4Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 5Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 6Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 7Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 8Page - Lumileds Lighting Company LXH8-FW40-Y Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS106 LUXEON T 20130630 ©2013 Philips Lumileds Lighting Company.
3
Product Selection Guide
Product Selection Guide for LUXEON T Emitters, Junction Temperature = 85°C
Table 1.
Typical Performance Characteristics at 350 mA, 700 mA, and 1000 mA for LUXEON T, Junction Temperature = 85°C
Part Number
Nominal
ANSI CCT
CRI
Luminous Flux (lm) Min
Typical Luminous Flux (lm)
Typical Forward Voltage (Vf)
Typical Efficacy (lm/W)
700 mA
700 mA
350 mA
700 mA 1000 mA 350 mA
700 mA 1000 mA 350 mA
700 mA 1000 mA
LXH7-FW30
3000K
70 min
200
117
218
298
2.71
2.80
2.86
123
111
104
LXH7-FW40
4000K
70 min
210
133
249
340
2.71
2.80
2.86
140
127
119
LXH7-FW50
5000K
70 min
220
136
255
348
2.71
2.80
2.86
143
130
122
LXH7-FW57
5700K
70 min
220
136
255
348
2.71
2.80
2.86
143
130
122
LXH7-FW65
6500K
70 min
220
136
255
348
2.71
2.80
2.86
143
130
122
LXH8-FW27-Y
2700K
80 min
170
100
186
254
2.71
2.80
2.86
105
95
89
LXH8-FW30-Y
3000K
80 min
180
106
197
269
2.71
2.80
2.86
112
101
94
LXH8-FW35-Y
3500K
80 min
190
112
208
278
2.71
2.80
2.86
118
106
97
LXH8-FW40-Y
4000K
80 min
190
114
212
288
2.71
2.80
2.86
120
108
101
LXH8-FW50-Y
5000K
80 min
190
120
222
300
2.71
2.80
2.86
127
113
105
LXH9-FW30-Y
3000K
95 typ
130
86
160
216
2.71
2.80
2.86
91
82
76
Notes for Table 1:
1. Philips Lumileds maintains a tolerance of ± 6.5% on luminous flux and ± 2 on CRI measurements.
Product Selection Guide for LUXEON T 3V Royal Blue, Junction Temperature = 85°C
Table 2.
Performance at Test Current
Color
Part
Number
Minimum
Radiometric Power (mW)
Typical
Radiometric Power (mW)
Typical Radiant
Efficacy (%)
Royal Blue
LXH1 - FWRB
950
1040
53%
Note for Table 2:
1. Philips Lumileds maintains a tolerance of ± 6.5% on flux measurements.
2. Test current is 700 mA for LXR0-SR00 products.


Similar Part No. - LXH8-FW40-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXH8-FW40-Y LUMILEDS-LXH8-FW40-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
More results

Similar Description - LXH8-FW40-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
LOPL-E011WA LITEON-LOPL-E011WA Datasheet
248Kb / 12P
   High power LED light source
LOPL-E001H LITEON-LOPL-E001H Datasheet
302Kb / 12P
   High power LED light source
LOPL-E001R LITEON-LOPL-E001R Datasheet
316Kb / 12P
   High power LED light source
LTPL-P013WS57 LITEON-LTPL-P013WS57 Datasheet
282Kb / 16P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com