Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3BR0365 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICE3BR0365
Description  Design Guide for Off-line Fixed Frequency DCM Flyback Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BR0365 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICE3BR0365 Datasheet HTML 6Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 7Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 8Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 9Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 10Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 11Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 12Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 13Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DCM Flyback
10
Design Note DN 2013-01
V1.0 January 2013
5B).
Using triple insulated wire (reinforced insulation) on the secondary is easier and more preffered way of
meeting theis safety requirement. Take note that in fitting triple insulated wire on the choosen core/bobbin, the
outside diameter is thicker than the same gauge normal magnet wire.
STEP 9:
Design the primary clamp circuit: During
turn off, a high voltage spike due to the transormer's
leakage inductance appears on MOSFET. This excessive voltage spike on the MOSFET may lead to an avalanche
breakdown and eventually failure of the MOSFET. A clamping circuit placed across the primary winding helps to
limit the voltage spike caused by this leakage inductance to a safe value.
There are two types of clamping circuit that can be used as shown in Figure 4. These are the RCD clamp and
Diode-Zener clamp. The easiest way is to used a Zener clamp ciruit which consist of a diode and high voltage zener
or TVS (transient voltage suppressor) diode. The Zener
diode effectively clips the voltage spike until the leakage
energy is totally dissipated in the Zener diode. The
advantage of using this circuit is that it will only clamps
whenever the combined VR and Vspike is greater than
it's breakdown voltage. At low line and lighter loads
where the spike is relatively low, the Zener may not
clamp at all, therefore there is no power dissipated in the
clamp.
Choose the Zener/TVS diode rating to be twice the
reflected voltage VR. The diode should be ultra
fast type with voltage rating greater than the maximum DC link voltage.
The RCD type not only clamps the voltage level but slows down the MOSFET
dv/dt. We can used the RCD clamp if passing EMI compliance is an issue
without it. The resistor element is crucial in limiting the maximum voltage spike. A
lower Rclamp will helps lower Vspike but increases the power dissipation. On the
other hand, a higher Rclamp value lower the power dissipation but allows higher
Vspike.
Setting VR= Vspike Rclamp can be determined by:
Where Lleak is the leakage inductance of the transformer, which can be determined through measurement by
shorting the secondary windings. If this is not known, assume Lleak around 2-4% of the primary inductance.
The capacitor Cclamp needs to be large enough to limit the voltage rise while absorbing the leakage energy.
Cclamp value may range 100pF- 4.7nF. Rclamp will discharge the capacitor back to the initial value of the switching
cycle.
Figure 4: Flyback Primary Clamp Circuit
Figure 5: Clamp VDS Voltage
Figure 5: Example of transformer winding scheme (A) using margin tape (B) using triple insulated wire


Similar Part No. - ICE3BR0365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0665JF INFINEON-ICE3BR0665JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 11 Sep 2008
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR0680JZ INFINEON-ICE3BR0680JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results

Similar Description - ICE3BR0365

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_15 Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
logo
Monolithic Power System...
EVHFC0310-S-00A MPS-EVHFC0310-S-00A Datasheet
464Kb / 10P
   Fixed-Frequency Flyback Converter EV Board
HFC0310 MPS-HFC0310 Datasheet
440Kb / 17P
   Fixed-Frequency Flyback Controller
logo
Renesas Technology Corp
RAA223181 RENESAS-RAA223181 Datasheet
2Mb / 22P
   900V Off-Line Flyback Regulator
Oct 13, 2021
logo
Fairchild Semiconductor
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
   Design Guidelines for Off-line Forward Converters
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com