Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXH7-FW40 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LXH7-FW40
Description  High-Efficacy, Illumination Grade LED light source
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXH7-FW40 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LXH7-FW40 Datasheet HTML 4Page - Lumileds Lighting Company LXH7-FW40 Datasheet HTML 5Page - Lumileds Lighting Company LXH7-FW40 Datasheet HTML 6Page - Lumileds Lighting Company LXH7-FW40 Datasheet HTML 7Page - Lumileds Lighting Company LXH7-FW40 Datasheet HTML 8Page - Lumileds Lighting Company LXH7-FW40 Datasheet HTML 9Page - Lumileds Lighting Company LXH7-FW40 Datasheet HTML 10Page - Lumileds Lighting Company LXH7-FW40 Datasheet HTML 11Page - Lumileds Lighting Company LXH7-FW40 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DS106 LUXEON T 20130630 ©2013 Philips Lumileds Lighting Company.
7
Mechanical Dimensions
Notes for Figure 2:
1. Do not handle the device by the lens. Excessive force on the lens may damage the lens itself or the interior of the device.
2. Drawings not to scale.
3. All dimensions are in millimeters.
4. The thermal pad is electrically isolated from the anode and cathode contact pads.
Figure 2.
3.70±0.10
1.85±0.07
3.00±0.05
1.75
1.75
0.230 A B
A
B
2.018 0.08
0.56±0.06
0.35±0.05
0.25
1.25±0.05
1.85±0.05
0.55±0.03
0.55±0.03
1.45±0.05
1.75
1.75
0.35±0.05
1.30±0.05
0.21±0.05
0.73±0.05
3X FIDUCIAL
LOCATED FRONT SIDE
SHOWN FOR
REFERENCE ONLY
FRAME
HEAT PAD
(ISOLATED)
ANODE
CATHODE
LASER MARK
AREA (ISOLATED)
CL
CL
0.200 A B
BACK SIDE METALIZATION CENTER
TOLERENCE RELATIVE TO
FRONT SIDE FIDUCIALS


Similar Part No. - LXH7-FW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXH7-FW40 LUMILEDS-LXH7-FW40 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
LXH7-FW40 LUMILEDS-LXH7-FW40 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
More results

Similar Description - LXH7-FW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
LOPL-E011WA LITEON-LOPL-E011WA Datasheet
248Kb / 12P
   High power LED light source
LOPL-E001H LITEON-LOPL-E001H Datasheet
302Kb / 12P
   High power LED light source
LOPL-E001R LITEON-LOPL-E001R Datasheet
316Kb / 12P
   High power LED light source
LTPL-P013WS57 LITEON-LTPL-P013WS57 Datasheet
282Kb / 16P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com