Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSA30I150PA Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA30I150PA
Description  Schottky Diode Gen High Performance Schottky Diode Low Loss and Soft Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA30I150PA Datasheet(HTML) 1 Page - IXYS Corporation

  DSA30I150PA Datasheet HTML 1Page - IXYS Corporation DSA30I150PA Datasheet HTML 2Page - IXYS Corporation DSA30I150PA Datasheet HTML 3Page - IXYS Corporation DSA30I150PA Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DSA 30 I 150 PA
Schottky Diode Gen ²
Symbol
Definition
R a t i n g s
Features / Advantages:
typ.
max.
I
FSM
I
R
A
V
200
I
A
V
F
0.93
R
0.85 K/W
V
R =
1
3
min.
30
t = 10 ms
Applications:
VRRM
V
150
0.9
T
VJ
V°C
=
T
VJ
°C
=mA
5
Package:
Part number
V
R =
T
VJ =°C
I
F
=A
V
TC = 150°C
d =
P
tot
175
W
TC
°C
=
T
VJ
175
°C
-55
V
I
RRM =
=
150
30
30
T
VJ =
45°C
DSA 30 I 150 PA
V
A
150
V
150
25
25
25
max. repetitive reverse voltage
reverse current
forward voltage
virtual junction temperature
total power dissipation
max. forward surge current
Conditions
Unit
1.09
TVJ
°C
=25
C
J
junction capacitance
V=
V;
12
T
125
V
F0
V
0.55
T
VJ = 175 °C
rF
6
Ω
f = 1 MHz
=
°C
25
m
V
0.80
TVJ =°C
IF =A
V
30
0.98
I
F
=A
60
IF =A
60
threshold voltage
slope resistance
for power loss calculation only
Backside: cathode
(50 Hz), sine
V
F
=
0.80 V
● Housing:
High Performance Schottky Diode
Low Loss and Soft Recovery
Single Diode
TO-220
rIndustry standard outline
rEpoxy meets UL 94V-0
rRoHS compliant
R
VJ
mA
289
pF
thermal resistance junction to case
thJC
rectangular
0.5
● Very low Vf
● Extremely low switching losses
● low Irm values
● Improved thermal behaviour
● High reliability circuit operation
● Low voltage peaks for reduced
protection circuits
● Low noise switching
● Rectifiers in switch mode power
supplies (SMPS)
● Free wheeling diode in low voltage
converters
FAV
average forward current
FAV
125
IXYS reserves the right to change limits, conditions and dimensions.
20100205b
Data according to IEC 60747and per diode unless otherwise specified
© 2010 IXYS all rights reserved


Similar Part No. - DSA30I150PA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA30I100PA IXYS-DSA30I100PA Datasheet
86Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
logo
Inchange Semiconductor ...
DSA30I100PA ISC-DSA30I100PA Datasheet
284Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - DSA30I150PA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA30C150PB IXYS-DSA30C150PB Datasheet
91Kb / 3P
   Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
DSA50C100QB IXYS-DSA50C100QB_1 Datasheet
117Kb / 4P
   Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
DSA20C45PB IXYS-DSA20C45PB Datasheet
102Kb / 2P
   Schottky High Performance Schottky Diode Low Loss and Soft Recovery
DSB20I15PA IXYS-DSB20I15PA Datasheet
86Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA10I100PM IXYS-DSA10I100PM Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA300I45NA IXYS-DSA300I45NA Datasheet
171Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA2I100SB IXYS-DSA2I100SB Datasheet
97Kb / 2P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSA15IM200UC IXYS-DSA15IM200UC Datasheet
152Kb / 5P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB15IM45IB IXYS-DSB15IM45IB Datasheet
88Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
DSB10I45PM IXYS-DSB10I45PM Datasheet
99Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com