Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25C160U Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FM25C160U
Description  16K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C160U Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FM25C160U Datasheet HTML 3Page - Fairchild Semiconductor FM25C160U Datasheet HTML 4Page - Fairchild Semiconductor FM25C160U Datasheet HTML 5Page - Fairchild Semiconductor FM25C160U Datasheet HTML 6Page - Fairchild Semiconductor FM25C160U Datasheet HTML 7Page - Fairchild Semiconductor FM25C160U Datasheet HTML 8Page - Fairchild Semiconductor FM25C160U Datasheet HTML 9Page - Fairchild Semiconductor FM25C160U Datasheet HTML 10Page - Fairchild Semiconductor FM25C160U Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
FM25C160U Rev. B
Physical Dimensions inches (millimeters) unless otherwise noted
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Fairchild Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably ex-
pected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Americas
Europe
Hong Kong
Japan Ltd.
Customer Response Center
Fax:
+44 (0) 1793-856858
8/F, Room 808, Empire Centre
4F, Natsume Bldg.
Tel. 1-888-522-5372
Deutsch
Tel:
+49 (0) 8141-6102-0
68 Mody Road, Tsimshatsui East
2-18-6, Yushima, Bunkyo-ku
English
Tel:
+44 (0) 1793-856856
Kowloon. Hong Kong
Tokyo, 113-0034 Japan
Français
Tel:
+33 (0) 1-6930-3696
Tel; +852-2722-8338
Tel: 81-3-3818-8840
Italiano
Tel:
+39 (0) 2-249111-1
Fax: +852-2722-8383
Fax: 81-3-3818-8841
Molded Dual-In-Line Package (N)
Package Number N08E
0.373 - 0.400
(9.474 - 10.16)
0.092
(2.337)
DIA
+
1234
8765
0.250 - 0.005
(6.35
± 0.127)
87
0.032
± 0.005
(0.813
± 0.127)
Pin #1
Option 2
RAD
1
0.145 - 0.200
(3.683 - 5.080)
0.130
± 0.005
(3.302
± 0.127)
0.125 - 0.140
(3.175 - 3.556)
0.020
(0.508)
Min
0.018
± 0.003
(0.457
± 0.076)
90
° ± 4°
Typ
0.100
± 0.010
(2.540
± 0.254)
0.040
(1.016)
0.039
(0.991)
Typ.
20
° ± 1°
0.065
(1.651)
0.050
(1.270)
0.060
(1.524)
Pin #1 IDENT
Option 1
0.280 MIN
0.300 - 0.320
(7.62 - 8.128)
0.030
(0.762)
MAX
0.125
(3.175)
DIA
NOM
0.009 - 0.015
(0.229 - 0.381)
0.045
± 0.015
(1.143
± 0.381)
0.325
+0.040
-0.015
8.255
+1.016
-0.381
95
° ± 5°
0.090
(2.286)
(7.112)
IDENT


Similar Part No. - FM25C160U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM25C160-GA RAMTRON-FM25C160-GA Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160-S ETC1-FM25C160-S Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25C160U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
   16K SPI Bus Serial EEPROM
07/12/04
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com