Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24C32U Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FM24C32U
Description  32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C32U Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FM24C32U Datasheet HTML 5Page - Fairchild Semiconductor FM24C32U Datasheet HTML 6Page - Fairchild Semiconductor FM24C32U Datasheet HTML 7Page - Fairchild Semiconductor FM24C32U Datasheet HTML 8Page - Fairchild Semiconductor FM24C32U Datasheet HTML 9Page - Fairchild Semiconductor FM24C32U Datasheet HTML 10Page - Fairchild Semiconductor FM24C32U Datasheet HTML 11Page - Fairchild Semiconductor FM24C32U Datasheet HTML 12Page - Fairchild Semiconductor FM24C32U Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
FM24C32U Rev. A.1
S
T
O
P
A
C
K
NO
A
C
K
Bus Activity:
Master
SDA Line
01
Bus Activity:
EEPROM
A
C
K
A
C
K
WORD
ADDRESS (1)
WORD
ADDRESS (0)
SLAVE
ADDRESS
SLAVE
ADDRESS
DATA
A
C
K
S
T
A
R
T
S
T
A
R
T
S
T
O
P
A
C
K
Bus Activity:
Master
SDA Line
Bus Activity:
EEPROM
A
C
K
DATA n + x
A
C
K
DATA n + 2
DATA n +1
DATA n +1
A
C
K
NO
A
C
K
Slave
Address
Read Operations
Read operations are initiated in the same manner as write
operations, with the exception that the R/W bit of the slave
address is set to a one. There are three basic read operations:
current address read, random read, and sequential read.
Current Address Read
Internally the FM24C32U contains an address counter that
maintains the address of the last byte accessed, incremented by
one. Therefore, if the last access (either a read or write) was to
address n, the next read operation would access data from
address n + 1. Upon receipt of the slave address with R/W set to
"1," the FM24C32U issues an acknowledge and transmits the
eight bit word. The master will not acknowledge the transfer but
does generate a stop condition, and therefore the FM24C32U
discontinues transmission. Refer
Figure 6 for the sequence of
address, acknowledge and data transfer.
Random Read
Random read operations allow the master to access any memory
location in a random manner. Prior to issuing the slave address
with the R/W bit set to "1," the master must first perform a
“dummy” write operation. The master issues the start condition,
slave address with the R/W bit set to "0" and then the byte
address. After the byte address acknowledge, the master imme-
diately issues another start condition and the slave address with
the R/W bit set to one. This will be followed by an acknowledge
from the FM24C32U and then by the eight bit word. The master
will not acknowledge the transfer but does generate the stop
condition, and therefore the FM24C32U discontinues transmis-
sion. Refer
Figure 7 for the address, acknowledge, and data
transfer sequence.
Sequential Read
Sequential reads can be initiated as either a current address read
or random access read. The first word is transmitted in the same
manner as the other read modes; however, the master now
responds with an acknowledge, indicating it requires additional
data. The FM24C32U continues to output data for each acknowl-
edge received. The read operation is terminated by the master not
responding with an acknowledge or by generating a stop condi-
tion.
The data output is sequential with the data from address n
followed by the data from n + 1. The address counter for read
operations increments all word address bits, allowing the entire
memory contents to be serially read during one operation. After
the entire memory has been read, the counter "rolls over" to the
beginning of the memory. FM24C32U continues to output data for
each acknowledge received. Refer
Figure 8 for the address,
acknowledge, and data transfer sequence.
Low VCC WRITE Lockout
FM24C32U -“H” version offers low VCC write lockout feature to
safeguard data whenever Vcc falls below 3.8V. Normally, the
operating V
CC for FM24C32U “H” version is 5V. However during
system operation if the VCC reaches below 3.8V, then internally all
write commands to the array are locked out.
S
T
O
P
DATA
A
C
K
NO
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
Bus Activity:
Master
SDA Line
Bus Activity:
EEPROM
1 0 1 0
1
Current Address Read (Figure 6)
Random Read (Figure 7)
Sequential Read (Figure 8)


Similar Part No. - FM24C32U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C02 FAIRCHILD-FM24C02 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U/03U FAIRCHILD-FM24C02U/03U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results

Similar Description - FM24C32U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com