Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1608J275CS Datasheet(PDF) 20 Page - Samsung semiconductor

Part # RC1608J275CS
Description  We, Samsung, declare that our component Chip Resistor is produced in accordance with EU RoHS directive.
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC1608J275CS Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button RC1608J275CS Datasheet HTML 16Page - Samsung semiconductor RC1608J275CS Datasheet HTML 17Page - Samsung semiconductor RC1608J275CS Datasheet HTML 18Page - Samsung semiconductor RC1608J275CS Datasheet HTML 19Page - Samsung semiconductor RC1608J275CS Datasheet HTML 20Page - Samsung semiconductor RC1608J275CS Datasheet HTML 21Page - Samsung semiconductor RC1608J275CS Datasheet HTML 22Page - Samsung semiconductor RC1608J275CS Datasheet HTML 23Page - Samsung semiconductor RC1608J275CS Datasheet HTML 24Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
c m y k 연교정
•Ultra Low Ohms Resistor, high precision reliability
•Suitable for reflow and soldering.
•Very stable Temperature coefficient characteristics.
•Reverse Type.
•Ag metal is not used for termination electrode
(Good Sulfide -Resistant)
•100% Lead-free Products (PbO is not used)
•RoHS Compliant.
Feature
Ultra Low Ohms(RUW Series)
0.30±0.20
0.40±0.20
0.45±0.20
RUW1608
RUW2012
RUW3216
Type
Inch
Power(W)
1.60±0.10
2.00±0.20
3.20±0.20
LW
H
I1
I2
Average
Weight
(UNIT: mm)
R010
RUW : Current
Sensing Resistor
High Power
Code Designation
R U K
2012
F
Dimension & Size Code
Tolerance
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
F: ±1%
G: ±2%
J: ±5%
3 or 4 digits
coding system
(IEC conding system)
3digits(E-24 series)
4digits(E-96 series)
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES: Tape Packaging 10"
AS: Tape Packaging 13"
0603
0805
1206
0.80±0.10
1.25±0.15
1.60±0.15
0.45±0.10
0.55±0.10
0.60±0.10
2.2
4.7
9.4
•Current Sensings.
•Safe circuit through protecting over current flow.
•Power supplying part, DC power charger, adapter.
•Mobile Phone, Mobile PC, Note PC, HDD, DSC, LCD
Application
Structure and Dimensions
•The part number system shall be in the following format
Parts Numbering System
W
l1
H
L
I2
<Top View>
<Side View>
R
R0
01
10
0
<Bottom View>
1/3
(0.33)
1/2
(0.5)
1
(1)
R0.03
Ω:0.50±0.20
R
≥0.03Ω:0.35±0.20
R0.03
Ω:0.65±0.20
R
≥0.03Ω:0.40±0.20
R0.03
Ω:0.90±0.20
R
≥0.03Ω:0.60±0.20
CHIP Resistor
2012.7.23 2:36 PM
˘
` 21


Similar Part No. - RC1608J275CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
List of Unclassifed Man...
RC1608J100AS ETC1-RC1608J100AS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100BS ETC1-RC1608J100BS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100CS ETC1-RC1608J100CS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100ES ETC1-RC1608J100ES Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
More results

Similar Description - RC1608J275CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608J515CS SAMSUNG-RC1608J515CS Datasheet
5Mb / 40P
   We, Samsung, declare that our component Chip Resistor is produced in accordance with EU RoHS directive.
logo
Pan Jit International I...
PJE5UQFN10A PANJIT-PJE5UQFN10A Datasheet
181Kb / 5P
   Lead free in compliance with EU RoHS 2011/65/EU directive
1N5347BS PANJIT-1N5347BS Datasheet
91Kb / 4P
   Lead free in compliance with EU RoHS 2011/65/EU directive
logo
Amphenol Corporation
P-MDB-E09SE-76X AMPHENOL-P-MDB-E09SE-76X Datasheet
75Kb / 2P
   CONNECTOR IS ROHS COMPLIANT PER EU DIRECTIVE 2002
P-MRJ-2586-X2BP AMPHENOL-P-MRJ-2586-X2BP Datasheet
786Kb / 1P
   PART IS RoHS COMPLIANT PER EU DIRECTIVE 2002
logo
Shanghai Leiditech Elec...
LMBT5401LT1G LEIDITECH-LMBT5401LT1G Datasheet
445Kb / 5P
   We declare that the material of product compliance with RoHS requirements
logo
Leshan Radio Company
L2SA1774QT1G LRC-L2SA1774QT1G_15 Datasheet
262Kb / 3P
   We declare that the material of product compliance with RoHS requirements.
logo
Shanghai Leiditech Elec...
L9013PLT1G LEIDITECH-L9013PLT1G Datasheet
456Kb / 3P
   We declare that the material of product compliance with RoHS requirements
LBAV99LT1G LEIDITECH-LBAV99LT1G Datasheet
679Kb / 4P
   We declare that the material of product compliance with RoHS requirements and Halogen Free.
logo
Lineage Power Corporati...
AXH010A0F5 LINEAGEPOWER-AXH010A0F5 Datasheet
376Kb / 15P
   Compatible with RoHS EU Directive 200295/EC (-Z Versions)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com