Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08U0C-PCB0T00 Datasheet(PDF) 22 Page - Samsung semiconductor

Part # K9F1G08U0C-PCB0T00
Description  Samsung Semiconductor, Inc. Product Selection Guide
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0C-PCB0T00 Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button K9F1G08U0C-PCB0T00 Datasheet HTML 18Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 19Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 20Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 21Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 22Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 23Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 24Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 25Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
JANUARY 2009
www.samsung.com/semi/sram
SynchronousSRAM
LATE-WRITE RR AND R-L
Type
Density
Organization
Part Number
# Pins-
Package
Operating
Mode
Vdd (V)
Access
Time
tCD (ns)
Speed
tCYC
(Mhz)
I/O
Voltage
(V)
Production
Status
Late-
Write
R-R
32Mb
1Mx36
K7P323674C
119-BGA
SP
1.8 / 2.5V
1.6, 2.0
300,250
1.5 (Max 1.8)
C/S
2Mx18
K7P321874C
119-BGA
SP
1.8 / 2.5V
1.6, 2.0
300,250
1.5 (Max 1.8)
C/S
8Mb
256Kx36
K7P803611B
119-BGA
SP
3.3
1.6
300
1.5 (Max.2.0)
Not for new designs
512Kx18
K7P801811B
119-BGA
SP
3.3
1.6
300
1.5 (Max.2.0)
Not for new designs
256Kx36
K7P803666B
119-BGA
SP
2.5
2.0
250
1.5 (Max.2.0)
Not for new designs
512Kx18
K7P801866B
119-BGA
SP
2.5
2.0
250
1.5 (Max.2.0)
Not for new designs
Late-
Write
R-R and
R-L
4Mb
128Kx36
K7P403622B
119-BGA
SP
3.3
2.5,2.7,3.0
250,200,167
2.5/3.3
Not for new designs
256Kx18
K7P401822B
119-BGA
SP
3.3
2.5,2.7,3.0
250,200,167
2.5/3.3
Not for new designs
256Kx18
K7P401823B
119-BGA
SP
3.3
6.5
167
2.5/3.3
Not for new designs
NtRAM
Density
Organization
Part Number
# Pins-
Package
Operating
Mode
Vdd (V)
Access
Time
tCD (ns)
Speed
tCYC
(Mhz)
I/O
Voltage
(V)
Production
Status
72Mb
2Mx36
K7N643645M
100-TQFP, 165FBGA
SPB
2.5
2.6, 3.5
250, 167
2.5
Mass Production
4Mx18
K7N641845M
100-TQFP, 165FBGA
SPB
2.5
2.6, 3.5
250, 167
2.5
Mass Production
36Mb
1Mx36
K7N323635C
100-TQFP, 165FBGA
SPB
3.3, 2.5
2.6, 3.5
250, 167
3.3, 2.5
Mass Production
2Mx18
K7N321835C
100-TQFP, 165FBGA
SPB
3.3, 2.5
2.6, 3.5
250, 167
3.3, 2.5
Mass Production
1Mx36
K7M323631C
100-TQFP
FT
3.3, 2.5
7.5
118
3.3, 2.5
Mass Production
2Mx18
K7M321831C
100-TQFP
FT
3.3, 2.5
7.5
118
3.3, 2.5
Mass Production
18Mb
1Mx18
K7N161831B
100-TQFP, 165FBGA
SPB
3.3, 2.5
2.6, 3.5
250, 167
3.3, 2.5
Mass Production
512Kx36
K7N163631B
100-TQFP, 165FBGA
SPB
3.3, 2.5
2.6, 3.5
250, 167
3.3, 2.5
Mass Production
1Mx18
K7M161835B
100-TQFP
FT (SB)
3.3
6.5
133
3.3, 2.5
Mass Production
512Kx36
K7M163635B
100-TQFP
FT (SB)
3.3
6.5
133
3.3, 2.5
Mass Production
8Mb
256Kx36
K7N803601B
100-TQFP
SPB
3.3
3.5
167
3.3,2.5
Not for new designs
512Kx18
K7N801801B
100-TQFP
SPB
3.3
3.5
167
3.3,2.5
Not for new designs
256Kx36
K7N803609B
100-TQFP
SPB
3.3
2.6
250
3.3,2.5
Not for new designs
512Kx18
K7N801809B
100-TQFP
SPB
3.3
2.6
250
3.3,2.5
Not for new designs
256Kx36
K7N803645B
100-TQFP
SPB
2.5
3.5
167
2.5
Not for new designs
512Kx18
K7N801845B
100-TQFP
SPB
2.5
3.5
167
2.5
Not for new designs
256Kx36
K7N803649B
100-TQFP
SPB
2.5
2.6
250
2.5
Not for new designs
512Kx18
K7N801849B
100-TQFP
SPB
2.5
2.6
250
2.5
Not for new designs
512Kx18
K7M801825B
100-TQFP
FT
3.3
6.5
133
3.3, 2.5
Not for new designs
256Kx36
K7M803625B
100-TQFP
FT
3.3
6.5
133
3.3, 2.5
Not for new designs
4Mb
128Kx36
K7N403609B
100-TQFP
SPB
3.3
3.0
200
3.3,2.5
Not for new designs
256Kx18
K7N401809B
100-TQFP
SPB
3.3
3.0
200
3.3,2.5
Not for new designs
Notes:
All tQFP products are Lead Free
NtRAM speed recommendations: For 200MHz use 250MHz; For 133MHz use 167MHz
NtRAM speed recommendation: Use 7.5ns Access time use 6.5ns Access time
Recommended sPB speeds are 250MHz and 167MHz
Recommended sB Acess speed is 7.5ns


Similar Part No. - K9F1G08U0C-PCB0T00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
677Kb / 37P
   FLASH MEMORY
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0B-P SAMSUNG-K9F1G08U0B-P Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
More results

Similar Description - K9F1G08U0C-PCB0T00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F4G08U0D-SIB0000 SAMSUNG-K9F4G08U0D-SIB0000 Datasheet
930Kb / 28P
   Product Selection Guide Samsung Semiconductor, Inc. Memory & Storage
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com