Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08U0C-PCB0T00 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9F1G08U0C-PCB0T00
Description  Samsung Semiconductor, Inc. Product Selection Guide
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0C-PCB0T00 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F1G08U0C-PCB0T00 Datasheet HTML 5Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 6Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 7Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 8Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 9Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 10Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 11Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 12Page - Samsung semiconductor K9F1G08U0C-PCB0T00 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
JANUARY 2009
SDRAM COMPONENTS
Density
Organization
Part Number
# Pins - Package
Speed (Mbps)
Refresh
Remarks
64Mb
8Mx8
K4S640832N-UC(75)000
54-TSOP
133
4K
K-die changing to N-die
4Mx16
K4S641632N-UC(L)(75/60)000
54-TSOP
133/143/166
4K
K-die changing to N-die
128Mb
16Mx8
K4S280832K-UC(L)(75)000
54-TSOP
133
4K
I-die changing to K-die
8Mx16
K4S281632K-UC(L)(75/60)000
54-TSOP
133/166
4K
I-die changing to K-die
256Mb
64Mx4
K4S560432J-UC(L)(75)000
54-TSOP
133
8K
H-die changing to J-die
32Mx8
K4S560832J-UC(L)(75)000
54-TSOP
133
8K
H-die changing to J-die
16Mx16
K4S561632J-UC(L)(75/60)000
54-TSOP
133/166
8K
H-die changing to J-die
512Mb
128Mx4
K4S510432D-UC(L)(75)000
54-TSOP
133
8K
64Mx8
K4S510832D-UC(L)(75)000
54-TSOP
133
8K
32Mx16
K4S511632D-UC(L)(75)000
54-TSOP
133
8K
Notes:
L = Commercial temp., Low Power
For industrial temperature, check with ssI Marketing
Banks: 4
All products are lead free
Voltage: 3.3V
speed: PC133 (133MHz CL=3/PC100 CL2)
www.samsung.com/semi/dram
DDR,SDRAM&RDRAM
RDRAM COMPONENTS
Density
Organization
Part Number
Speed (Mbps)
# Pins - Package
Refresh
288M
x18
K4R881869I-DC(M8/T9)
800/1066
92-FBGA
16K/32ms
Notes:
Voltage: 2.5 V
All products are lead free
DDR SDRAM COMPONENTS
Density
Organization
Part Number
# Pins - Package
Speed (Mbps)
Notes
256Mb
64Mx4
K4H560438J-LCB3/B0
66-TSOP
266/333
Halogen -free
32Mx8
K4H560838J-LCCC/B3
66-TSOP
333/400
Halogen -free
16Mx16
K4H561638J-LCCC/B3
66-TSOP
333/400
Halogen -free
512Mb
128Mx4
K4H510438F-LCB3/B0
66-TSOP
266/333
Halogen -free
K4H510438F-HCCC/B3
60-FBGA
333/400
Halogen -free
64Mx8
K4H510838F-LCCC/B3
66-TSOP
333/400
Halogen -free
K4H510838F-HCCC/B3
60-FBGA
333/400
Halogen -free
32Mx16
K4H511638F-LCCC/B3
66-TSOP
333/400
Halogen -free
128Mb
8Mx16
K4H281638L-LCCC/CD
66-TSOP
400/500
Halogen -free
Notes:
B0 = DDR266 (133MHz @ CL=2.5)
A2 = DDR266 (133MHz @ Cl=2)
B3 = DDR333 (166MHz @ CL=2.5)
CC = DDR400 (200MHz @ CL=3)


Similar Part No. - K9F1G08U0C-PCB0T00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
677Kb / 37P
   FLASH MEMORY
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0B-P SAMSUNG-K9F1G08U0B-P Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
More results

Similar Description - K9F1G08U0C-PCB0T00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F4G08U0D-SIB0000 SAMSUNG-K9F4G08U0D-SIB0000 Datasheet
930Kb / 28P
   Product Selection Guide Samsung Semiconductor, Inc. Memory & Storage
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com