Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM1233ADS3X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM1233ADS3X
Description  3-Pin 關C Supervisor Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM1233ADS3X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM1233ADS3X Datasheet HTML 1Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 2Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 3Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 4Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 5Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 6Page - Fairchild Semiconductor FM1233ADS3X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
September 2004
FM1233A Rev. E
FM1233A
3-Pin µC Supervisor Circuit
General Description
The FM1233A is a supervisor circuit that monitors a micropro-
cessor power supply or other system voltage and issues a reset
pulse when a fault condition exists. Several different threshold
voltages are offered to accommodate 3.3V and 3.0V systems
with different tolerances.
FM1233A features a precision temperature-compensated volt-
age reference and comparator. When VCC falls to the threshold
voltage, a RESET pulse is issued, holding the output in the
active state. When power rises above VTH, the reset remains
asserted for a minimum period (tRST) to allow the system clock
and other circuits to stabilize. The reset output of FM1233A is of
open-drain active low type.
The FM1233A also can monitor a switch closure on its output,
enabling it to recognize an external reset from a pushbutton
switch or a µP. In the case of a switch, the closure will be
debounced by circuitry internal to the FM1233A.
Features
■ Precision monitoring of 3.3V and lower voltage
microprocessor systems
■ VTH values of 3.08V, 2.88V and 2.72V
■ Automatic restart of microprocessor after power failure
■ Reset Timeout Period Choice:
– Options AC and AD: 140ms (min)/256ms (typ)
– Option ABA: 17ms (min)/32ms (typ)
– Available on request: 64ms (typ) and 128ms (typ)
■ Internal 5kΩ pull-up resistor
■ Operating Temperature -40°C to +105°C
■ Monitors external pushbutton override
■ Internal switch debounce circuitry
■ SOT23-3 package
Typical Operating Circuit
Connection Diagram
SOT23-3 Package
1
FM1233A
Controller
2
3
VCC
GND
RESET
GND
VCC
RESET
1
FM1233A
2
3


Similar Part No. - FM1233ADS3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BDS3X FAIRCHILD-FM1233BDS3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BES3X FAIRCHILD-FM1233BES3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BFS3X FAIRCHILD-FM1233BFS3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
More results

Similar Description - FM1233ADS3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
   3-Pin 關C Supervisor Device
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com