Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78L12ACZ Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # LM78L12ACZ
Description  MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM78L12ACZ Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button LM78L12ACZ Datasheet HTML 5Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 6Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 7Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 8Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 9Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 10Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 11Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 12Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MC78LXXA / LM78LXXA Rev. 1.1.0
10
Physical Dimensions (Continued)
Figure 4. 3-Lead, TO-92, MOLDED STD STRAIGHT LEAD (NO EOL CODE)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/packaging/tr/to92pdd_tr.pdf.
D
TO-92 Straight Lead for Bulk Packing
D)
DRAWING FILENAME: MKT-ZA03DREV3.


Similar Part No. - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L12ACZ NSC-LM78L12ACZ Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L12ACZ NSC-LM78L12ACZ Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Fairchild Semiconductor
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com