Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78L12ACZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LM78L12ACZ
Description  MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM78L12ACZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM78L12ACZ Datasheet HTML 1Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 2Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 3Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 4Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 5Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 6Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 7Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 8Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MC78LXXA / LM78LXXA Rev. 1.1.0
3
Electrical Characteristics (MC78L05A / LM78L05A)
VI = 10 V, IO = 40 mA, 0°C ≤ TJ ≤ 125°C, CI = 0.33 μF, CO = 0.1 μF, unless otherwise specified.
Notes:
1. The maximum steady-state usable output current and input voltage are very dependent on the heat sinking and/or
lead length of the package. The data above represents pulse test conditions with junction temperature as indicated
at the initiation of tests.
2. Power dissipation PD ≤ 0.75 W.
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
VO
Output Voltage
TJ = 25°C
4.8
5.0
5.2
V
ΔVO
Line Regulation(1)
TJ = 25°C
7 V
≤ VI ≤ 20 V
8
150
mV
8 V
≤ VI ≤ 20 V
6
100
mV
ΔVO
Load Regulation(1)
TJ = 25°C
1 mA
≤ IO ≤ 100 mA
11
60
mV
1 mA
≤ IO ≤ 40 mA
5.0
30.0
mV
VO
Output Voltage
7 V
≤ VI ≤ 20 V
1 mA
≤ IO ≤ 40 mA
5.25
V
7 V
≤ VI ≤ VMAX(2) 1 mA ≤ IO ≤ 70 mA 4.75
5.25
V
IQ
Quiescent Current
TJ = 25°C2.0
5.5
mA
ΔIQ
Quiescent Current
Change
With Line
8 V
≤ VI ≤ 20 V
1.5
mA
ΔIQ
With Load 1 mA
≤ IO ≤ 40 mA
0.1
mA
VN
Output Noise Voltage
TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
40
μV/Vo
ΔVO/ΔT
Temperature Coefficient of VO
IO = 5 mA
-0.65
mV/
°C
RR
Ripple Rejection
f = 120 Hz, 8 V
≤ VI ≤ 18 V, TJ = 25°C41
80
dB
VD
Dropout Voltage
TJ = 25°C1.7
V


Similar Part No. - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L12ACZ NSC-LM78L12ACZ Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L12ACZ NSC-LM78L12ACZ Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Fairchild Semiconductor
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com